Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBSS302ND Datasheet(PDF) 12 Page - NXP Semiconductors

Part # PBSS302ND
Description  40 V, 4 A NPN low VCEsat (BISS) transistor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PBSS302ND Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button PBSS302ND Datasheet HTML 6Page - NXP Semiconductors PBSS302ND Datasheet HTML 7Page - NXP Semiconductors PBSS302ND Datasheet HTML 8Page - NXP Semiconductors PBSS302ND Datasheet HTML 9Page - NXP Semiconductors PBSS302ND Datasheet HTML 10Page - NXP Semiconductors PBSS302ND Datasheet HTML 11Page - NXP Semiconductors PBSS302ND Datasheet HTML 12Page - NXP Semiconductors PBSS302ND Datasheet HTML 13Page - NXP Semiconductors PBSS302ND Datasheet HTML 14Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
PBSS302ND_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 18 February 2008
12 of 14
NXP Semiconductors
PBSS302ND
40 V, 4 A NPN low VCEsat (BISS) transistor
12. Revision history
Table 9.
Revision history
Document ID
Release date
Data sheet status
Change notice
Supersedes
PBSS302ND_2
20080218
Product data sheet
-
PBSS302ND_1
Modifications:
• The format of this data sheet has been redesigned to comply with the new identity
guidelines of NXP Semiconductors.
• Legal texts have been adapted to the new company name where appropriate.
• Section 1.1 “General description”: amended
• Section 1.4 “Quick reference data”: ICM conditions amended
• Figure 2, 3, 4, and 6: amended
• Table 5: ICM conditions amended
• Table 5: IBM conditions amended
• Table 6: typing error for maximum value on 6 cm2 footprint amended
• Table 7: typical values for hFE added
• Section 8 “Test information”: added
• Section 11 “Soldering”: added
• Section 13 “Legal information”: updated
PBSS302ND_1
20050419
Product data sheet
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com