Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXSC100 Datasheet (PDF) - Zetex Semiconductors

ZXSC100 Datasheet PDF - Zetex Semiconductors
Part # ZXSC100
Download  ZXSC100 Download
File Size   414.58 Kbytes
Page   19 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description SINGLE CELL DC-DC CONVERTER SOLUTION

ZXSC100 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZXSC100 Datasheet PDF - Zetex Semiconductors

Part # ZXSC100
Download  ZXSC100 Click to download

File Size   414.58 Kbytes
Page   19 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description SINGLE CELL DC-DC CONVERTER SOLUTION

ZXSC100 Datasheet (HTML) - Zetex Semiconductors


ZXSC100 Product details

DESCRIPTION
The ZXSC100 series is designed for DC-DC applications where step-up voltage conversion from very low input voltages is required. These applications mainly operate from single nickel cadmium or nickel metal hydride battery cells.

FEATURES
• SuperSOT4™ switching transistor ZXT14N20DX:VCE(sat) 45mV max @ 1A load
• Efficiency maintained over a wide range of input voltages and load currents 82% efficiency @ VBATT=1V
• Startup under full load
• Minimum operating input voltage VBATT=0.926V
• Adjustable output voltage down to VBATT
• Quiescent current typically 150µA referred to input voltage
• MSOP8 Package
• SO8 Package
• Demonstration boards available

• Cordless Telephones
• MP3 Players
• PDA
• Pagers
• Battery Backup Supplies
• Electronic toothbrush
• GPS Receivers
• Digital Camera
• Palmtop Computers
• Hand Held Instruments
• Portable Medical Equipment
• Solar Powered Equipment
• LED Flashlight
• LED Backlight




Similar Part No. - ZXSC100

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXSC100 DIODES-ZXSC100 Datasheet
276Kb / 17P
SINGLE CELL DC-DC CONVERTER SOLUTION
JANUARY 2004
logo
Zetex Semiconductors
ZXSC100N8 ZETEX-ZXSC100N8 Datasheet
309Kb / 17P
SINGLE CELL DC-DC CONVERTER SOLUTION
logo
Diodes Incorporated
ZXSC100N8 DIODES-ZXSC100N8 Datasheet
276Kb / 17P
SINGLE CELL DC-DC CONVERTER SOLUTION
JANUARY 2004
logo
Zetex Semiconductors
ZXSC100X8 ZETEX-ZXSC100X8 Datasheet
309Kb / 17P
SINGLE CELL DC-DC CONVERTER SOLUTION
logo
Diodes Incorporated
ZXSC100X8 DIODES-ZXSC100X8 Datasheet
276Kb / 17P
SINGLE CELL DC-DC CONVERTER SOLUTION
JANUARY 2004
More results


Similar Description - ZXSC100

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6642 SIPEX-SP6642 Datasheet
248Kb / 4P
Single Alkaline Cell, High Efficiency Step-Up DC-DC Converter
logo
Linear Technology
LT1308 LINER-LT1308 Datasheet
266Kb / 8P
Single Cell High Current Micropower 600kHz Boost DC/DC Converter
LT1610 LINER-LT1610 Datasheet
209Kb / 16P
1.7MHz, Single Cell Micropower DC/DC Converter
logo
Zetex Semiconductors
ZXSC100 ZETEX-ZXSC100_04 Datasheet
309Kb / 17P
SINGLE CELL DC-DC CONVERTER SOLUTION
logo
Analog Microelectronics
AME5172 AME-AME5172 Datasheet
108Kb / 12P
0.85V Single Cell Boost DC-DC Converter
logo
ams AG
AS1323 AMSCO-AS1323 Datasheet
342Kb / 13P
1.6uA Quiescent Current, Single Cell, DC-DC Step-Up Converter
logo
Linear Technology
LTC1502-3.3 LINER-LTC1502-3.3 Datasheet
171Kb / 8P
Single Cell to 3.3V Regulated Charge Pump DC/DC Converter
logo
ams AG
AS1323 AMSCO-AS1323_1 Datasheet
665Kb / 14P
1.6uA Quiescent Current, Single Cell, DC-DC Step-up Converter
logo
Diodes Incorporated
ZXSC100 DIODES-ZXSC100 Datasheet
276Kb / 17P
SINGLE CELL DC-DC CONVERTER SOLUTION
JANUARY 2004
logo
Linear Technology
LT1610 LINER-LT1610_15 Datasheet
224Kb / 16P
1.7MHz, Single Cell Micropower DC/DC Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com