Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXSC100 Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # ZXSC100
Description  SINGLE CELL DC-DC CONVERTER SOLUTION
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXSC100 Datasheet(HTML) 1 Page - Zetex Semiconductors

  ZXSC100 Datasheet HTML 1Page - Zetex Semiconductors ZXSC100 Datasheet HTML 2Page - Zetex Semiconductors ZXSC100 Datasheet HTML 3Page - Zetex Semiconductors ZXSC100 Datasheet HTML 4Page - Zetex Semiconductors ZXSC100 Datasheet HTML 5Page - Zetex Semiconductors ZXSC100 Datasheet HTML 6Page - Zetex Semiconductors ZXSC100 Datasheet HTML 7Page - Zetex Semiconductors ZXSC100 Datasheet HTML 8Page - Zetex Semiconductors ZXSC100 Datasheet HTML 9Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1
ZXSC100
DESCRIPTION
The ZXSC100 series is designed for DC-DC
applications where step-up voltage conversion from
very low input voltages is required. These applications
mainly operate from single nickel cadmium or nickel
metal hydride battery cells.
The ZXSC100 devices are non-synchronous PFM,
DC-DC controller ICs which drive an external
transistor. Zetex SuperSOT4
™ switching transistors,
with saturation resistance as low as 13m
Ω, are
recommended as the external switching element.
These bipolar transistors are the best switching
devices available for this type of DC-DC conversion,
enabling high efficiency conversion with input
voltages down to below 1 volt.
The circuit can start up under full load with regulation
maintained down to an input voltage of only 0.926
volts. The solution configuration ensures optimum
efficiency over a wider range of load currents, several
circuit configurations are possible with power
dissipation up to 2W. The step up output voltage is
easily programmed with external resistors, the
non-synchronous architecture and SuperSOT4™
device enabling an output voltage down to the input
voltage level. For best performance the ZXSC100
quiescent current is a small 150µA ensuring minimum
battery drain in no load conditions.
For the best in space saving the ZXSC100 is offered in
the MSOP8 package, however the devices are also
available in SO8 packaging for applications where
space saving is not so critical.
The IC and discrete combination offers the ultimate
cost vs performance solution for single cell DC-DC
conversion.
SINGLE CELL DC-DC CONVERTER SOLUTION
FEATURES
• SuperSOT4™ switching transistor
ZXT14N20DX:V
CE(sat) 45mV max @ 1A load
• Efficiency maintained over a wide range of input
voltages and load currents
82% efficiency @ V
BATT=1V
• Startup under full load
• Minimum operating input voltage V
BATT=0.926V
• Adjustable output voltage down to V
BATT
• Quiescent current typically 150µA referred to
input voltage
• MSOP8 Package
• SO8 Package
• Demonstration boards available
APPLICATIONS
• Cordless Telephones
• MP3 Players
• PDA
• Pagers
• Battery Backup Supplies
• Electronic toothbrush
• GPS Receivers
• Digital Camera
• Palmtop Computers
APPLICATIONS(continued)
• Hand Held Instruments
• Portable Medical Equipment
• Solar Powered Equipment
• LED Flashlight
• LED Backlight
Q1
ZXT14N20DX
R2
R1
L1
D1
ZHCS2000
R3
R4
C2
C1
3.3V/0.1A
BAS
EM
RE
VBATT
VCC
GND
FB
ISENSE
VDRIVE
U1
ZXSC100
C3
TYPICAL APPLICATION CIRCUIT
ISSUE 1 - JANUARY 2001


Similar Part No. - ZXSC100

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXSC100 DIODES-ZXSC100 Datasheet
276Kb / 17P
SINGLE CELL DC-DC CONVERTER SOLUTION
JANUARY 2004
logo
Zetex Semiconductors
ZXSC100N8 ZETEX-ZXSC100N8 Datasheet
309Kb / 17P
SINGLE CELL DC-DC CONVERTER SOLUTION
logo
Diodes Incorporated
ZXSC100N8 DIODES-ZXSC100N8 Datasheet
276Kb / 17P
SINGLE CELL DC-DC CONVERTER SOLUTION
JANUARY 2004
logo
Zetex Semiconductors
ZXSC100X8 ZETEX-ZXSC100X8 Datasheet
309Kb / 17P
SINGLE CELL DC-DC CONVERTER SOLUTION
logo
Diodes Incorporated
ZXSC100X8 DIODES-ZXSC100X8 Datasheet
276Kb / 17P
SINGLE CELL DC-DC CONVERTER SOLUTION
JANUARY 2004
More results

Similar Description - ZXSC100

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6642 SIPEX-SP6642 Datasheet
248Kb / 4P
Single Alkaline Cell, High Efficiency Step-Up DC-DC Converter
logo
Linear Technology
LT1308 LINER-LT1308 Datasheet
266Kb / 8P
Single Cell High Current Micropower 600kHz Boost DC/DC Converter
LT1610 LINER-LT1610 Datasheet
209Kb / 16P
1.7MHz, Single Cell Micropower DC/DC Converter
logo
Zetex Semiconductors
ZXSC100 ZETEX-ZXSC100_04 Datasheet
309Kb / 17P
SINGLE CELL DC-DC CONVERTER SOLUTION
logo
Analog Microelectronics
AME5172 AME-AME5172 Datasheet
108Kb / 12P
0.85V Single Cell Boost DC-DC Converter
logo
ams AG
AS1323 AMSCO-AS1323 Datasheet
342Kb / 13P
1.6uA Quiescent Current, Single Cell, DC-DC Step-Up Converter
logo
Linear Technology
LTC1502-3.3 LINER-LTC1502-3.3 Datasheet
171Kb / 8P
Single Cell to 3.3V Regulated Charge Pump DC/DC Converter
logo
ams AG
AS1323 AMSCO-AS1323_1 Datasheet
665Kb / 14P
1.6uA Quiescent Current, Single Cell, DC-DC Step-up Converter
logo
Diodes Incorporated
ZXSC100 DIODES-ZXSC100 Datasheet
276Kb / 17P
SINGLE CELL DC-DC CONVERTER SOLUTION
JANUARY 2004
logo
Linear Technology
LT1610 LINER-LT1610_15 Datasheet
224Kb / 16P
1.7MHz, Single Cell Micropower DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com