Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXSC100 Datasheet(PDF) 5 Page - Zetex Semiconductors

Part # ZXSC100
Description  SINGLE CELL DC-DC CONVERTER SOLUTION
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXSC100 Datasheet(HTML) 5 Page - Zetex Semiconductors

  ZXSC100 Datasheet HTML 1Page - Zetex Semiconductors ZXSC100 Datasheet HTML 2Page - Zetex Semiconductors ZXSC100 Datasheet HTML 3Page - Zetex Semiconductors ZXSC100 Datasheet HTML 4Page - Zetex Semiconductors ZXSC100 Datasheet HTML 5Page - Zetex Semiconductors ZXSC100 Datasheet HTML 6Page - Zetex Semiconductors ZXSC100 Datasheet HTML 7Page - Zetex Semiconductors ZXSC100 Datasheet HTML 8Page - Zetex Semiconductors ZXSC100 Datasheet HTML 9Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
ZXSC100
ISSUE 1 - JANUARY 2001
5
DEVICE DESCRIPTION
The ZXSC100 is non-synchronous PFM, DC-DC
controller IC which, when combined with a high
performance external transistor, enables the
production of a high efficiency boost converter for use
in single cell applications. A block diagram is shown
for the ZXSC100 in Figure 1.
A shutdown circuit turns the device on or off at VCC=1V
with a hysteresis of typically 80mV. At start up,
comparator Comp1 turns the driver circuit and
therefore the external switching transistor on. This
circuit will remain active until the feedback voltage at
the pin FB rises above VREF, which is set to 730mV. An
external resistive divider on the FB pin sets the output
voltage level.
Comparator Comp2 forces the driver circuit and the
external switching transistor off, if the voltage at
ISENSE exceeds 25mV. The voltage at ISENSE is taken
from a current sense resistor connected in series with
the emitter of the switching transistor.
A monostable following the output of Comp2 extends
the turn-off time of the output stage by a minimum of
2us. This ensures that there is sufficient time to
discharge the inductor coil before the next on period.
The AND gate between the monostable and Comp1
output ensures that the switching transistor always
remains on until the ISENSE threshold is reached and
that the minimum discharge period is always
asserted. The pulse width is constant, the pulse
frequency varies with the output load.
The driver circuit supplies the external switching
transistor with a defined
current, which is
programmed by an external resistor connected
between the RE pin and VCC. The internal reference
voltage for the circuit is 25mV below VCC. To maximise
efficiency the external transistor is switched quickly,
typically being forced off within 20ns.
In higher power applications more current can be
supplied to the switching transistor by using a further
external component. The driver transistor in the IC can
be bypassed with the addition of a discrete PNP. More
information on this circuit configuration can be found
in the applications section.
Figure 1
ZXSC100 Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com