Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXSC100 Datasheet(PDF) 18 Page - Zetex Semiconductors

Part # ZXSC100
Description  SINGLE CELL DC-DC CONVERTER SOLUTION
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXSC100 Datasheet(HTML) 18 Page - Zetex Semiconductors

Back Button ZXSC100 Datasheet HTML 11Page - Zetex Semiconductors ZXSC100 Datasheet HTML 12Page - Zetex Semiconductors ZXSC100 Datasheet HTML 13Page - Zetex Semiconductors ZXSC100 Datasheet HTML 14Page - Zetex Semiconductors ZXSC100 Datasheet HTML 15Page - Zetex Semiconductors ZXSC100 Datasheet HTML 16Page - Zetex Semiconductors ZXSC100 Datasheet HTML 17Page - Zetex Semiconductors ZXSC100 Datasheet HTML 18Page - Zetex Semiconductors ZXSC100 Datasheet HTML 19Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
ISSUE 1 - JANUARY 2001
ZXSC100
18
CONNECTION DIAGRAMS
RE
EM
BAS
VDRIVE
VCC
ISENSE
FB
GND
5
6
7
8
4
3
2
1
DIM
Millimetres
Inches
MIN
MAX
MIN
MAX
A
0.91
1.11
0.036
0.044
A1
0.10
0.20
0.004
0.008
B
0.25
0.36
0.010
0.014
C
0.13
0.18
0.005
0.007
D
2.95
3.05
0.116
0.120
e
0.65
NOM
0.0256
NOM
e1
0.33
NOM
0.0128
NOM
E
2.95
3.05
0.116
0.120
H
4.78
5.03
0.188
0.198
L
0.41
0.66
0.016
0.026
θ°
0°
6°
0°
6°
MSOP8
DIM
Millimetres
Inches
Min
Max
Min
Max
A
4.80
4.98
0.189
0.196
B
1.27 BSC
0.05 BSC
C
0.53 REF
0.02 REF
D
0.36
0.46
0.014
0.018
E
3.81
3.99
0.15
0.157
F
1.35
1.75
0.05
0.07
G
0.10
0.25
0.004
0.010
J
5.80
6.20
0.23
0.24
K0°
8°
0°
8°
L
0.41
1.27
0.016
0.050
SO8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com