Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXSC100 Datasheet(PDF) 16 Page - Zetex Semiconductors

Part # ZXSC100
Description  SINGLE CELL DC-DC CONVERTER SOLUTION
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXSC100 Datasheet(HTML) 16 Page - Zetex Semiconductors

Back Button ZXSC100 Datasheet HTML 11Page - Zetex Semiconductors ZXSC100 Datasheet HTML 12Page - Zetex Semiconductors ZXSC100 Datasheet HTML 13Page - Zetex Semiconductors ZXSC100 Datasheet HTML 14Page - Zetex Semiconductors ZXSC100 Datasheet HTML 15Page - Zetex Semiconductors ZXSC100 Datasheet HTML 16Page - Zetex Semiconductors ZXSC100 Datasheet HTML 17Page - Zetex Semiconductors ZXSC100 Datasheet HTML 18Page - Zetex Semiconductors ZXSC100 Datasheet HTML 19Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
ISSUE 1 - JANUARY 2001
ZXSC100
16
Output Voltage Ripple
Output voltage ripple is shown in Figure 8. The circuit
is operated with a 1.2V input voltage, 3.3V output
voltage and 100mA load current. Output voltage ripple
will be dependent, to a large extent, on the output
capacitor ESR. (see Applications section for
recommended capacitors).
Figure 8. Output voltage ripple for 3.3V/100mA
output.
Transient response
Transient response to step changes in load is a critical
feature in many converter circuits. The ZXSC100
operates a pulse by pulse regulation scheme and
therefore corrects for changes in the output every
pulse cycle, giving excellent response characteristic.
Measurement with a power supply
When measuring with a power supply it is important
to realise that the impedance is much greater than that
of a secondary battery (NiCd or NiMH). To simulate the
lower impedance of the battery x10 low ESR 1000uF
capacitors where placed in parallel at the input of the
converter.
All
the
dynamic
performance
measurements were taken using this technique.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com