Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXSC100 Datasheet(PDF) 6 Page - Zetex Semiconductors

Part # ZXSC100
Description  SINGLE CELL DC-DC CONVERTER SOLUTION
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXSC100 Datasheet(HTML) 6 Page - Zetex Semiconductors

Back Button ZXSC100 Datasheet HTML 2Page - Zetex Semiconductors ZXSC100 Datasheet HTML 3Page - Zetex Semiconductors ZXSC100 Datasheet HTML 4Page - Zetex Semiconductors ZXSC100 Datasheet HTML 5Page - Zetex Semiconductors ZXSC100 Datasheet HTML 6Page - Zetex Semiconductors ZXSC100 Datasheet HTML 7Page - Zetex Semiconductors ZXSC100 Datasheet HTML 8Page - Zetex Semiconductors ZXSC100 Datasheet HTML 9Page - Zetex Semiconductors ZXSC100 Datasheet HTML 10Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
ISSUE 1 - JANUARY 2001
ZXSC100
6
Pin
No.
Name
Description
1
EM
Emitter of internal drive transistor. Connect to RE in lower power applications.
Must be unconnected in higher power applications
2
BAS
Not connected in lower power applications. Connect to base of external drive
transistor in higher power applications
3
RE
Drive current sense input. Internal threshold voltage set 25mV below VCC.
Connected external sense resistor. Connect emitter of external drive transistor in
higher power applications
4VCC
Supply voltage, generally NiMH, NiCd single cell
5ISENSE
Inductor current sense input. Internal threshold voltage set to 25mV. Connect
external sense resistor
6
FB
Feedback sense. Internal threshold set to 730mV. Connect external resistive
divider to output voltage
7GND
Ground
8VDRIVE
Drive output for external switching transistor. Connect to base of external
switching transistor. Also connect to collector of external drive transistor in
higher power applications
PIN DESCRIPTIONS
RE
EM
BAS
VDRIVE
VCC
ISENSE
FB
GND
5
6
7
8
4
3
2
1
REFERENCE DESIGNS
Three typical DC-DC step-up converter applications
for the ZXSC100 are shown. Firstly with a maximum
output power of 0.33W, secondly with a maximum
output power of 1.0W and finally driving white LED’sin
a flashlight application.
Low Power Solution (330mW) Efficiency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com