Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXSC100 Datasheet(PDF) 3 Page - Zetex Semiconductors

Part # ZXSC100
Description  SINGLE CELL DC-DC CONVERTER SOLUTION
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXSC100 Datasheet(HTML) 3 Page - Zetex Semiconductors

  ZXSC100 Datasheet HTML 1Page - Zetex Semiconductors ZXSC100 Datasheet HTML 2Page - Zetex Semiconductors ZXSC100 Datasheet HTML 3Page - Zetex Semiconductors ZXSC100 Datasheet HTML 4Page - Zetex Semiconductors ZXSC100 Datasheet HTML 5Page - Zetex Semiconductors ZXSC100 Datasheet HTML 6Page - Zetex Semiconductors ZXSC100 Datasheet HTML 7Page - Zetex Semiconductors ZXSC100 Datasheet HTML 8Page - Zetex Semiconductors ZXSC100 Datasheet HTML 9Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
ZXSC100
ISSUE 1 - JANUARY 2001
3
ELECTRICAL CHARACTERISTICS: AC PARAMETERS
2
TEST CONDITIONS (Unless otherwise stated) )
VCC=1.2V, TA = 25°C
Symbol
Parameter
Conditions
Min
Typ
Max
Units
TOFF
Discharge Pulse Width
1.7
3
4
µs
FOSC
Recommended operating
frequency
3
200
kHz
2 These parameters guaranteed by Design
3 Operating frequency is application circuit dependant. See applications section
ZXT14N20DX
For the circuits described in the applications section, Zetex ZXT14N20DX is the recommended pass transistor.
The following indicates outline data for the ZXT, more detailed information can be found in the Zetex SuperSOT4
data book or at www.zetex.com
ELECTRICAL CHARACTERISTICS (at T
A = 25°C unless otherwise stated).
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
CONDITIONS.
Collector-Emitter Breakdown
Voltage
V(BR)CEO
20
30
V
IC=10mA*
Collector-Emitter Saturation
Voltage
VCE(sat)
4.5
30
75
6
45
95
mV
mV
mV
IC=0.1A, IB=10mA*
IC=1A, IB=10mA*
IC=4A, IB=40mA*
*Measured under pulsed conditions. Pulse width=300
µs. Duty cycle ≤2%
ZHCS2000
For the circuits described in the applications section Zetex ZHCS2000 is the recommended Schottky diode. The
following indicates outline data for the ZHCS, more detailed information is available at www.zetex.com
ELECTRICAL CHARACTERISTICS (at T
amb = 25°C unless otherwise stated).
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
CONDITIONS.
Forward Voltage
VF
385
500
mV
mV
IF=1A
IF=2A
Reverse Current
IR
300
µA
VR=30V
Reverse Recovery
Time
trr
5.5
ns
Switched from IF =
500mA to IR = 500mA.
Measured at IR=50mA
*Measured under pulsed conditions. Pulse width=300
µs. Duty cycle ≤ 2%
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com