Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXSC100 Datasheet(PDF) 13 Page - Zetex Semiconductors

Part # ZXSC100
Description  SINGLE CELL DC-DC CONVERTER SOLUTION
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXSC100 Datasheet(HTML) 13 Page - Zetex Semiconductors

Back Button ZXSC100 Datasheet HTML 9Page - Zetex Semiconductors ZXSC100 Datasheet HTML 10Page - Zetex Semiconductors ZXSC100 Datasheet HTML 11Page - Zetex Semiconductors ZXSC100 Datasheet HTML 12Page - Zetex Semiconductors ZXSC100 Datasheet HTML 13Page - Zetex Semiconductors ZXSC100 Datasheet HTML 14Page - Zetex Semiconductors ZXSC100 Datasheet HTML 15Page - Zetex Semiconductors ZXSC100 Datasheet HTML 16Page - Zetex Semiconductors ZXSC100 Datasheet HTML 17Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
ZXSC100
ISSUE 1 - JANUARY 2001
13
Layout issues
Layout is critical for the circuit to function optimally in
terms of electrical efficiency, thermal considerations
and noise.
For ‘step-up converters’ there are four main current
loops, the input loop, power-switch loop, rectifier loop
and output loop. The supply charging the input
capacitor forms the input loop. The power-switch loop
is defined when Q1 is ‘on’, current flows from the input
through the inductor, Q1, RSENSE and to ground. When
Q1 is ‘off’, the energy stored in the inductor is
transferred to the output capacitor and load via D1,
forming the rectifier loop. The output loop is formed
by the output capacitor supplying the load when Q1 is
switched back off.
To optimise for best performance each of these loops
should be kept separate from each other and
interconnections made with short, thick traces thus
minimising parasitic inductance, capacitance and
resistance. Also the sense resistor R2 should be
connected, with minimum trace length, between
emitter lead of Q1 and ground, again minimising stray
parasitics.
The layout for the 0.33W solution is shown below.
Demonstration board
A demonstration board for the 0.33W solution, is
available upon request. These can be obtained
through your local Zetex office or through Zetex web
pages. For all reference designs, Gerber files and bill
of materials can be supplied.
Actual Size
Top Silk
Bottom Copper
Top Copper
Drill Holes
0.33W solution demo board layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com