Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXSC100 Datasheet (PDF) - Diodes Incorporated

ZXSC100 Datasheet PDF - Diodes Incorporated
Part # ZXSC100
Download  ZXSC100 Download
File Size   276.52 Kbytes
Page   17 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SINGLE CELL DC-DC CONVERTER SOLUTION

ZXSC100 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZXSC100 Datasheet PDF - Diodes Incorporated

Part # ZXSC100
Download  ZXSC100 Click to download

File Size   276.52 Kbytes
Page   17 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SINGLE CELL DC-DC CONVERTER SOLUTION

ZXSC100 Datasheet (HTML) - Diodes Incorporated


ZXSC100 Product details

DESCRIPTION
The ZXSC100 series is designed for DC-DC applications where step-up voltage conversion from very low input voltages is required. These applications mainly operate from single nickel cadmium or nickel metal hydride battery cells.

FEATURES
• Efficiency maintained over a wide range of input voltages and load currents 82% efficiency @ VBATT=1V
• Startup under full load
• Minimum operating input voltage VBATT=0.926V
• Adjustable output voltage down to VBATT
• Quiescent current typically 150µA referred to input voltage
• MSOP8 package
• SO8 package

APPLICATIONS
• Cordless telephones
• MP3 players
• PDA
• Pagers
• Battery backup supplies
• Electronic toothbrush
• GPS receivers
• Digital camera
• Palmtop computers
• Hand held instruments
• Portable medical equipment
• Solar powered equipment




Similar Part No. - ZXSC100

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXSC100 ZETEX-ZXSC100 Datasheet
414Kb / 19P
SINGLE CELL DC-DC CONVERTER SOLUTION
ZXSC100N8 ZETEX-ZXSC100N8 Datasheet
414Kb / 19P
SINGLE CELL DC-DC CONVERTER SOLUTION
ZXSC100N8 ZETEX-ZXSC100N8 Datasheet
309Kb / 17P
SINGLE CELL DC-DC CONVERTER SOLUTION
ZXSC100X8 ZETEX-ZXSC100X8 Datasheet
414Kb / 19P
SINGLE CELL DC-DC CONVERTER SOLUTION
ZXSC100X8 ZETEX-ZXSC100X8 Datasheet
309Kb / 17P
SINGLE CELL DC-DC CONVERTER SOLUTION
More results


Similar Description - ZXSC100

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXSC100 ZETEX-ZXSC100 Datasheet
414Kb / 19P
SINGLE CELL DC-DC CONVERTER SOLUTION
logo
Sipex Corporation
SP6642 SIPEX-SP6642 Datasheet
248Kb / 4P
Single Alkaline Cell, High Efficiency Step-Up DC-DC Converter
logo
Linear Technology
LT1308 LINER-LT1308 Datasheet
266Kb / 8P
Single Cell High Current Micropower 600kHz Boost DC/DC Converter
LT1610 LINER-LT1610 Datasheet
209Kb / 16P
1.7MHz, Single Cell Micropower DC/DC Converter
logo
Zetex Semiconductors
ZXSC100 ZETEX-ZXSC100_04 Datasheet
309Kb / 17P
SINGLE CELL DC-DC CONVERTER SOLUTION
logo
Analog Microelectronics
AME5172 AME-AME5172 Datasheet
108Kb / 12P
0.85V Single Cell Boost DC-DC Converter
logo
ams AG
AS1323 AMSCO-AS1323 Datasheet
342Kb / 13P
1.6uA Quiescent Current, Single Cell, DC-DC Step-Up Converter
logo
Linear Technology
LTC1502-3.3 LINER-LTC1502-3.3 Datasheet
171Kb / 8P
Single Cell to 3.3V Regulated Charge Pump DC/DC Converter
logo
ams AG
AS1323 AMSCO-AS1323_1 Datasheet
665Kb / 14P
1.6uA Quiescent Current, Single Cell, DC-DC Step-up Converter
logo
Linear Technology
LT1610 LINER-LT1610_15 Datasheet
224Kb / 16P
1.7MHz, Single Cell Micropower DC/DC Converter
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com