Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXSC100 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # ZXSC100
Description  SINGLE CELL DC-DC CONVERTER SOLUTION
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXSC100 Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button ZXSC100 Datasheet HTML 3Page - Diodes Incorporated ZXSC100 Datasheet HTML 4Page - Diodes Incorporated ZXSC100 Datasheet HTML 5Page - Diodes Incorporated ZXSC100 Datasheet HTML 6Page - Diodes Incorporated ZXSC100 Datasheet HTML 7Page - Diodes Incorporated ZXSC100 Datasheet HTML 8Page - Diodes Incorporated ZXSC100 Datasheet HTML 9Page - Diodes Incorporated ZXSC100 Datasheet HTML 10Page - Diodes Incorporated ZXSC100 Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
ZXSC100
SEMICO NDUC TORS
ISSUE 3 - JANUARY 2004
7
Low power solution, VOUT=3.3V, PL=0.33W
Q1
FMMT617
R2
R1
L1
D1
ZHCS1000
R3
R4
C2
C1
3.3V/0.1A
BAS
EM
RE
VBATT
VCC
GND
FB
ISENSE
VDRIVE
U1
ZXSC100
C3
Ref
Value
Part Number
Manufacturer
Comments
U1
N/A
ZXSC100X8
Zetex Plc
Single cell converter, MSOP8
Q1
20V, 13m
Ω,7A
FMMT617
Zetex Plc
Low VCE(sat) NPN, SOT23
D1
0.5V, 2A
ZHCS1000
Zetex Plc
1A Shottky diode
R1
0
Ω*
Generic
Various
0805 Size
R2
33m
Ω
Generic
Various
0805 Size
R3
110k
Ω
Generic
Various
0805 Size
R4
30k
Ω
Generic
Various
0805 Size
C1
220µF
TPSD227M010R0100
AVX
Low ESR tantalum capacitor
C2
220µF
TPSD227M010R0100
AVX
Low ESR tantalum capacitor
C3
1nF
Generic
Various
0805 Size
L1
22µH
D01608C-223
D03316P-223
Coilcraft
Low profile SMT
* Note: Refer to External Transistor base drive selection in the Applications Section.
MATERIALS LIST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com