Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXSC100 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # ZXSC100
Description  SINGLE CELL DC-DC CONVERTER SOLUTION
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXSC100 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button ZXSC100 Datasheet HTML 2Page - Diodes Incorporated ZXSC100 Datasheet HTML 3Page - Diodes Incorporated ZXSC100 Datasheet HTML 4Page - Diodes Incorporated ZXSC100 Datasheet HTML 5Page - Diodes Incorporated ZXSC100 Datasheet HTML 6Page - Diodes Incorporated ZXSC100 Datasheet HTML 7Page - Diodes Incorporated ZXSC100 Datasheet HTML 8Page - Diodes Incorporated ZXSC100 Datasheet HTML 9Page - Diodes Incorporated ZXSC100 Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
ZXSC100
SEMICO NDUC TORS
ISSUE 3 - JANUARY 2004
6
Pin
No.
Name
Description
1
EM
Emitter of internal drive transistor. Connect to RE in lower power applications. Must be
unconnected in higher power applications
2
BAS
Not connected in lower power applications. Connect to base of external drive transistor
in higher power applications
3
RE
Drive current sense input. Internal threshold voltage set 25mV below VCC. Connected
external sense resistor. Connect emitter of external drive transistor in higher power
applications
4VCC
Supply voltage, generally NiMH, NiCd single cell
5ISENSE
Inductor current sense input. Internal threshold voltage set to 25mV. Connect external
sense resistor
6
FB
Feedback sense. Internal threshold set to 730mV. Connect external resistive divider to
output voltage
7GND
Ground
PIN DESCRIPTIONS
RE
EM
BAS
VDRIVE
VCC
ISENSE
FB
GND
5
6
7
8
4
3
2
1
REFERENCE DESIGNS
Three typical DC-DC step-up converter applications
for the ZXSC300 are shown. Firstly with a maximum
output power of 0.33W, secondly with a maximum
output power of 1.0W and finally driving white LED’s in
a flashlight application.
Low power solution (330mW) efficiency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com