Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXSC100 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # ZXSC100
Description  SINGLE CELL DC-DC CONVERTER SOLUTION
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXSC100 Datasheet(HTML) 3 Page - Diodes Incorporated

  ZXSC100 Datasheet HTML 1Page - Diodes Incorporated ZXSC100 Datasheet HTML 2Page - Diodes Incorporated ZXSC100 Datasheet HTML 3Page - Diodes Incorporated ZXSC100 Datasheet HTML 4Page - Diodes Incorporated ZXSC100 Datasheet HTML 5Page - Diodes Incorporated ZXSC100 Datasheet HTML 6Page - Diodes Incorporated ZXSC100 Datasheet HTML 7Page - Diodes Incorporated ZXSC100 Datasheet HTML 8Page - Diodes Incorporated ZXSC100 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
ZXSC100
SEMICO NDUC TORS
ISSUE 3 - JANUARY 2004
3
OPERATING CONDITIONS
Symbol
Parameter
Conditions
Min
Typ
Max
Units
FOSC
Recommended operating frequency
3
200
kHz
2 These parameters guaranteed by design and characterization
3 Operating frequency is application circuit dependant. See applications section
FMMT617
For the circuits described in the applications section, Zetex FMMT617 is the recommended pass transistor. The
following indicates outline data for the transistor, more detailed information can be found at www.zetex.com
ELECTRICAL CHARACTERISTICS (at TA = 25°C unless otherwise stated)
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
CONDITIONS
Collector-emitter breakdown voltage
V(BR)CEO
15
18
V
IC=10mA*
Collector-emitter saturation voltage
VCE(sat)
8
70
150
14
100
200
mV
mV
mV
IC=0.1A, IB=10mA*
IC=1A, IB=10mA*
IC=3A, IB=50mA*
*Measured under pulsed conditions. Pulse width=300
µs. Duty cycle ≤ 2%
ZHCS1000
For the circuits described in the applications section Zetex ZHCS1000 is the recommended Schottky diode. The
following indicates outline data for the ZHCS, more detailed information is available at www.zetex.com
ELECTRICAL CHARACTERISTICS (at Tamb = 25°C unless otherwise stated)
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
CONDITIONS
Forward voltage
VF
500
mV
IF=1A
Reverse current
IR
100
µA
VR=30V
Reverse recovery time
trr
12
ns
Switched from
IF = 500mA to
IR = 500mA.
Measured at IR=50mA
*Measured under pulsed conditions. Pulse width=300
µs. Duty cycle ≤ 2%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com