Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXSC100 Datasheet(PDF) 11 Page - Diodes Incorporated

Part # ZXSC100
Description  SINGLE CELL DC-DC CONVERTER SOLUTION
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXSC100 Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button ZXSC100 Datasheet HTML 7Page - Diodes Incorporated ZXSC100 Datasheet HTML 8Page - Diodes Incorporated ZXSC100 Datasheet HTML 9Page - Diodes Incorporated ZXSC100 Datasheet HTML 10Page - Diodes Incorporated ZXSC100 Datasheet HTML 11Page - Diodes Incorporated ZXSC100 Datasheet HTML 12Page - Diodes Incorporated ZXSC100 Datasheet HTML 13Page - Diodes Incorporated ZXSC100 Datasheet HTML 14Page - Diodes Incorporated ZXSC100 Datasheet HTML 15Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
ZXSC100
SEMICO NDUC TORS
ISSUE 3 - JANUARY 2004
11
The inductor value must be chosen to satisfy
performance, cost and size requirements of the overall
solution. For the reference designs we recommend an
inductor value of 22µH with a core saturation current
rating greater than the converter peak current value.
Inductor selection has a significant impact on the
converter efficiency. For applications where efficiency
is critical, a 5% improvement can be achieved with a
high performance inductor. This should be selected
with a core saturation current rating much higher than
the peak current of the converter, say 3 times greater.
The resultant reduction in core losses brings about the
efficiency improvement.
Peak current definition
The peak current rating is a design parameter whose
value is dependent upon the overall application. For
the reference designs, a peak current of 1.2A was
chosen to ensure that the converter could provide the
required output power.
In general, the IPK value must be chosen to ensure that
the switching transistor, Q1, is in full saturation with
maximum output power conditions, assuming
worse-case input voltage and transistor gain under all
operating temperature extremes.
Once IPK is decided the value of RSENSE can be
determined by:
R
V
I
SENSE
ISENSE
PK
=
Output power definition
By making the above assumptions for the inductor and
IPK the output power can be determined by:
Output Power
(V
V
x I
x T
2x(T
T
OUT
IN
PK
DIS
On
OFF
=
−
+
)
)
where
T
IxL
V
ON
PK
IN
=
and
T
IxL
VV
DIS
PK
OUT
IN
=
−
()
Note: VOUT = output voltage + rectifier diode VF
Figure 3 shows the discontinuous inductor current and
the relationship between output power, TON,TDIS and
TOFF.
Figure 3
Discontinuous inductor current
Output capacitors
Output capacitors are a critical choice in the overall
performance of the solution. They are required to filter
the output and supply load transient currents. There
are three parameters which are paramount in the
selection of the output capacitors; their capacitance
value, IRIPPLE and ESR. The capacitance value is
selected to meet the load transient requirements. The
capacitors IRIPPLE
rating must meet or exceed the
current ripple of the solution.
The ESR of the output capacitor can also affect loop
stability and transient performance. The capacitors
selected for the solution, and indicated in the
reference designs, are optimised to provide the best
overall performance.
TON
TDIS
TOFF
0A
IPK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com