Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXSC100 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # ZXSC100
Description  SINGLE CELL DC-DC CONVERTER SOLUTION
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXSC100 Datasheet(HTML) 4 Page - Diodes Incorporated

  ZXSC100 Datasheet HTML 1Page - Diodes Incorporated ZXSC100 Datasheet HTML 2Page - Diodes Incorporated ZXSC100 Datasheet HTML 3Page - Diodes Incorporated ZXSC100 Datasheet HTML 4Page - Diodes Incorporated ZXSC100 Datasheet HTML 5Page - Diodes Incorporated ZXSC100 Datasheet HTML 6Page - Diodes Incorporated ZXSC100 Datasheet HTML 7Page - Diodes Incorporated ZXSC100 Datasheet HTML 8Page - Diodes Incorporated ZXSC100 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
ZXSC100
SEMICO NDUC TORS
ISSUE 3 - JANUARY 2004
4
1.0
1.5
2.0
2.5
100
150
200
250
300
-10
0
10
20
30
40
50
60
70
80
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
0
50m
100m
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
1.0
1.5
2.0
2.5
-5.0
-2.5
0.0
2.5
5.0
Output Voltage v Temperature
Input Voltage (V)
Line Regulation
Temperature (°C)
Load Regulation
Output Current (A)
Quiescent Current v Input Voltage
Input Voltage (V)
TYPICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com