Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXSC100 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZXSC100
Description  SINGLE CELL DC-DC CONVERTER SOLUTION
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXSC100 Datasheet(HTML) 2 Page - Diodes Incorporated

  ZXSC100 Datasheet HTML 1Page - Diodes Incorporated ZXSC100 Datasheet HTML 2Page - Diodes Incorporated ZXSC100 Datasheet HTML 3Page - Diodes Incorporated ZXSC100 Datasheet HTML 4Page - Diodes Incorporated ZXSC100 Datasheet HTML 5Page - Diodes Incorporated ZXSC100 Datasheet HTML 6Page - Diodes Incorporated ZXSC100 Datasheet HTML 7Page - Diodes Incorporated ZXSC100 Datasheet HTML 8Page - Diodes Incorporated ZXSC100 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
ZXSC100
SEMICO NDUC TORS
ISSUE 3 - JANUARY 2004
2
ABSOLUTE MAXIMUM RATING
ELECTRICAL CHARACTERISTICS (Unless otherwise stated) VCC=1.2V, TA = 25°C
Supply voltage
0.3 to 3.5V
Maximum voltage other pins
0.3 to VCC+0.3V
Power dissipation (25°C)
MSOP8
500mW
SO8
780mW
Operating temperature
0 to 70°C
Storage temperature
-55 to 150°C
Junction temperature
150°C
Symbol
Parameter
Conditions
Min.
Typ.
Max. Units
ICC
Quiescent current
Not switching
150
200
µA
IDRIVE
Base drive current
VRE =VCC
510
mA
VDRIVE
VDRIVE o/p voltage
VRE =VCC,IDRIVE =5mA
VCC - 0.17
V
VFB
Feedback voltage
708
730
752
mV
VISENSE
Output current reference
voltage
12
17.5
24
mV
TCVISENSE
ISENSE voltage temp co.
0.4
%/°C
VDREF
Drive current reference
voltage
Measured with respect to VCC
20
30
40
mV
TCVDREF
VDREF temp co.
1
%/°C
VCC(SRT)
Startup voltage
Any output load
1.01
1.06
1.1
V
VCC(min)
Minimum operating
input voltage
0.926
0.98
1
V
VCC(hys)
Supply start up to
shutdown hysteresis
80
mV
IFB
Feedback input current
100
200
nA
IISENSE
ISENSE input current
VISENSE = 0V
3
4
5.5
µA
VO(min)
Minimum output voltage
VCC
V
VO(max)
Maximum output voltage
FMMT617as pass element
(1)
20
V
TOFF
Discharge pulse width
1.7
3
4
µs
(1) Depends on breakdown voltage of pass device. See FMMT617 datasheet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com