Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXSC100 Datasheet(PDF) 10 Page - Diodes Incorporated

Part # ZXSC100
Description  SINGLE CELL DC-DC CONVERTER SOLUTION
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXSC100 Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button ZXSC100 Datasheet HTML 6Page - Diodes Incorporated ZXSC100 Datasheet HTML 7Page - Diodes Incorporated ZXSC100 Datasheet HTML 8Page - Diodes Incorporated ZXSC100 Datasheet HTML 9Page - Diodes Incorporated ZXSC100 Datasheet HTML 10Page - Diodes Incorporated ZXSC100 Datasheet HTML 11Page - Diodes Incorporated ZXSC100 Datasheet HTML 12Page - Diodes Incorporated ZXSC100 Datasheet HTML 13Page - Diodes Incorporated ZXSC100 Datasheet HTML 14Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
ZXSC100
SEMICO NDUC TORS
ISSUE 3 - JANUARY 2004
10
APPLICATIONS INFORMATION
The following section is a design guide for optimum
converter performance.
Switching transistor selection
The choice of switching transistor has a major impact
on the DC-DC converter efficiency. For optimum
performance, a bipolar transistor with low VCE(SAT)
and high gain is required. The majority of losses in the
transistor are, ‘on-state’ and can be calculated by
using the formula below:
P
((I xV
I x V
))xT
(T
T
Q1
AV
CE(SAT)
B
BE(SAT)
ON
ON
OFF)
=
+
+
)(
)
where I
I
2
AV
PK
=
From the calculations above the impact on converter
efficiency can be seen.
External drive transistor selection
For higher power applications an external transistor is
required to provide the additional base drive current
to the main switching transistor. For this, any small
signal PNP transistor is sufficient. Please see reference
designs for recommended part numbers.
Schottky diode selection
As with the switching transistor the Schottky rectifier
diode has a major impact on the DC-DC converter
efficiency. A Schottky diode with a low forward
voltage and fast recovery time should be used for this
application. The majority of losses in the diode are,
‘on-state’ and can be calculated by using the formula
below:
P
Ix V
x T
(T
T
D1
AV
F(MAX)
DIS
On
OFF
=
+
)
where I
I
2
AV
PK
=
The diode should be selected so that the maximum
forward current is greater or equal to the maximum
peak current in the inductor, and the maximum
reverse voltage is greater or equal to the output
voltage.
The Zetex ZHCS1000 meets these needs. A data sheet
for the ZHCS1000 is available on the Zetex web site or
through your local Zetex sales office. Outline
information is included in the characteristics section of
this data sheet.
Inductor selection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com