Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXSC100 Datasheet(PDF) 15 Page - Diodes Incorporated

Part # ZXSC100
Description  SINGLE CELL DC-DC CONVERTER SOLUTION
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXSC100 Datasheet(HTML) 15 Page - Diodes Incorporated

Back Button ZXSC100 Datasheet HTML 9Page - Diodes Incorporated ZXSC100 Datasheet HTML 10Page - Diodes Incorporated ZXSC100 Datasheet HTML 11Page - Diodes Incorporated ZXSC100 Datasheet HTML 12Page - Diodes Incorporated ZXSC100 Datasheet HTML 13Page - Diodes Incorporated ZXSC100 Datasheet HTML 14Page - Diodes Incorporated ZXSC100 Datasheet HTML 15Page - Diodes Incorporated ZXSC100 Datasheet HTML 16Page - Diodes Incorporated ZXSC100 Datasheet HTML 17Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
ZXSC100
SEMICO NDUC TORS
ISSUE 3 - JANUARY 2004
15
Shown in Figure 5. is the discontinuous inductor
current. The ramp-up current stores energy in the
inductor. The switching transistor,Q1, is on during this
time and has an equivalent current ramp-up, shown in
Figure 6. The ramp-down current is associated with
the energy being delivered to the output via the
Schottky diode, D1. The diode current is equivalent to
this ramp-down current and is shown in figure 7.
Figure 5.
Inductor current (200mA/div)
Figure 6.
Transistor current (200mA/div)
Figure 7.
Diode current (200mA/div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com