Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL561 Datasheet (PDF) - Sharp Corporation

GL561 Datasheet PDF - Sharp Corporation
Part # GL561
Download  GL561 Download
File Size   39.62 Kbytes
Page   3 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Low Peak Forward Voltage Type 過 5 Resin Mold Package Infrared Emitting Diodes

GL561 Datasheet (PDF)

Go To PDF Page Download Datasheet
GL561 Datasheet PDF - Sharp Corporation

Part # GL561
Download  GL561 Click to download

File Size   39.62 Kbytes
Page   3 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Low Peak Forward Voltage Type 過 5 Resin Mold Package Infrared Emitting Diodes

GL561 Datasheet (HTML) - Sharp Corporation


GL561 Product details

Features
1. Low peak forward voltage suitable for battery drive
    (VFM : TYP.1.7V at I FM : 0.5A)
2. φ 5 resin mold package

Applications
1. Infrared remote controllers for TVs, VCRs, audio equipment and air conditioners




Similar Part No. - GL561

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GL5672 GTM-GL5672 Datasheet
163Kb / 2P
NPN LOW FREQUENCY TRANSISTOR
logo
E-Tech Electronics LTD
GL5672 ETL-GL5672 Datasheet
165Kb / 2P
N P N L O W F R E Q U E N C Y T R A N S I S T O R
More results


Similar Description - GL561

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GL390 SHARP-GL390 Datasheet
38Kb / 4P
Thin Bow Type Resin Mold Package Infrared Emitting Diodes
GL460 SHARP-GL460 Datasheet
46Kb / 4P
Double Ended Mold Type Infrared Emitting Diode
GL4600 SHARP-GL4600 Datasheet
37Kb / 4P
Double Ended Mold Type Infrared Emitting Diode
GL537 SHARP-GL537 Datasheet
37Kb / 3P
過 5mm Resin Mold Type Infrared Emitting Diode
logo
Vishay Siliconix
TSUS5400 VISHAY-TSUS5400 Datasheet
122Kb / 6P
GaAs Infrared Emitting Diodes in 5 mm Package
20-May-99
logo
Sharp Corporation
GL420 SHARP-GL420 Datasheet
96Kb / 3P
RESIN MOLD TYPE INFRARED LIGHT EMITTING DIODE
GL527 SHARP-GL527 Datasheet
137Kb / 3P
5MM RESIN MOLD TYPE INFRARED LIGHT EMITTING DIODE
logo
Toshiba Semiconductor
U1JC44TE12L TOSHIBA-U1JC44TE12L Datasheet
205Kb / 4P
Average Forward Current Repetitive Peak Reverse Voltage Mini Plastic Mold Package
logo
Renesas Technology Corp
5P4SMA RENESAS-5P4SMA Datasheet
406Kb / 8P
5 A RESIN MOLD TYPE SCR
1988
AC05DSMA RENESAS-AC05DSMA Datasheet
421Kb / 8P
5 A RESIN MOLD TYPE TRIAC
April 1st, 2010
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com