Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL561 Datasheet(PDF) 1 Page - Sharp Corporation

Part # GL561
Description  Low Peak Forward Voltage Type 過 5 Resin Mold Package Infrared Emitting Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GL561 Datasheet(HTML) 1 Page - Sharp Corporation

  GL561 Datasheet HTML 1Page - Sharp Corporation GL561 Datasheet HTML 2Page - Sharp Corporation GL561 Datasheet HTML 3Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
±21
± 13
150
mW
IF
100
mA
I FM
1A
VR
6V
Topr
˚C
Tstg
˚C
Tsol
260
˚C
(Ta=25˚C)
(Ta=25 ˚C)
V F
IF = 50mA
-
1.37
V
V FM
I
= 0.5A
-
2.5
V
IR
V R =3V
-
-
10
µ A
Ct
V R = 0, f = 1MHz
-
50
pF
fc
-
300
-
kHz
IE
IF = 50mA
-
mW/sr
12
-
IF = 5mA
-
940
-
nm
∆λ
IF = 5mA
-
45
-
nm
∆θ
21
-
-
-
±
±
13
-
P
FM
5
-
IF = 20mA
˚
˚
Features
Outline Dimensions
(Unit : mm)
1. Low peak forward voltage suitable for battery drive
2.
φ 5 resin mold package
Applications
1. Infrared remote controllers for TVs, VCRs,
audio equipment and air conditioners
Model Lineup
GL560
GL561
14
25
Radiant intensity TYP. (mW/sr)
Half intensity angle TYP. ( ˚ )
Absolute Maximum Ratings
Parameter
Model
Symbol
Rating
Unit
*1
*2
*3
Forward current
Peak forward current
Power dissipation
Operating temperature
Storage temperature
Soldering temperature
-25 to + 85
*1 Pulse width <=100
µ s, Duty ratio=0.01
Electro-optical Characteristics
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Reverse current
Radiant intensity
Peak emission wavelength
Half intensity wavelength
Terminal capacitance
Response frequency
Half intensity angle
*3 I E : Value obtained by converting the value in power of radiant fluxes emitted at the solid angle of 0.01 sr (steradian) in the direction of mechanical axis of
the lens portion into 1 sr or all those emitted from the light emitting diode.
GL560/GL561
GL560/GL561
GL560
GL561
GL560
GL561
(2.54)
0.8
φ 5 + 0.15
- 0.15
0.5 ± 0.1
Colorless
transparent
resin
Notch
1 Anode
2 Cathode
(2.54)
φ 5 + 0.15
- 0.15
Colorless
transparent
resin
GL560
GL561
Reverse voltage
Low Peak Forward Voltage Type
φ 5 Resin Mold Package Infrared
Emitting Diodes
Forward voltage
Peak forward voltage
λ p
-
(VFM : TYP.1.7V at I FM : 0.5A)
-40 to + 85
1.25
1.7
14
25
1
2
1
2
1
2
*2 For 10 seconds at the position of 2.6 mm from the resin edge
data books, etc. Contact SHARP in order to obtain the latest version of the device specification sheets before using any SHARP's device.”
“ In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that occur in equipment using any of SHARP's devices, shown in catalogs,
s
s
s
s
ss
0.5 ± 0.1


Similar Part No. - GL561

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GL5672 GTM-GL5672 Datasheet
163Kb / 2P
NPN LOW FREQUENCY TRANSISTOR
logo
E-Tech Electronics LTD
GL5672 ETL-GL5672 Datasheet
165Kb / 2P
N P N L O W F R E Q U E N C Y T R A N S I S T O R
More results

Similar Description - GL561

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GL390 SHARP-GL390 Datasheet
38Kb / 4P
Thin Bow Type Resin Mold Package Infrared Emitting Diodes
GL460 SHARP-GL460 Datasheet
46Kb / 4P
Double Ended Mold Type Infrared Emitting Diode
GL4600 SHARP-GL4600 Datasheet
37Kb / 4P
Double Ended Mold Type Infrared Emitting Diode
GL537 SHARP-GL537 Datasheet
37Kb / 3P
過 5mm Resin Mold Type Infrared Emitting Diode
logo
Vishay Siliconix
TSUS5400 VISHAY-TSUS5400 Datasheet
122Kb / 6P
GaAs Infrared Emitting Diodes in 5 mm Package
20-May-99
logo
Sharp Corporation
GL420 SHARP-GL420 Datasheet
96Kb / 3P
RESIN MOLD TYPE INFRARED LIGHT EMITTING DIODE
GL527 SHARP-GL527 Datasheet
137Kb / 3P
5MM RESIN MOLD TYPE INFRARED LIGHT EMITTING DIODE
logo
Toshiba Semiconductor
U1JC44TE12L TOSHIBA-U1JC44TE12L Datasheet
205Kb / 4P
Average Forward Current Repetitive Peak Reverse Voltage Mini Plastic Mold Package
logo
Renesas Technology Corp
5P4SMA RENESAS-5P4SMA Datasheet
406Kb / 8P
5 A RESIN MOLD TYPE SCR
1988
AC05DSMA RENESAS-AC05DSMA Datasheet
421Kb / 8P
5 A RESIN MOLD TYPE TRIAC
April 1st, 2010
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com