Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1160 Datasheet (PDF) - ams AG

AS1160 Datasheet PDF - ams AG
Part # AS1160
Download  AS1160 Download
File Size   902.26 Kbytes
Page   29 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description 20MHz - 66MHz, 10-Bit Bus, IEEE 1149.1 (JTAG) Compliant LVDS Serializer/Deserializer

AS1160 Datasheet (PDF)

Go To PDF Page Download Datasheet
AS1160 Datasheet PDF - ams AG

Part # AS1160
Download  AS1160 Click to download

File Size   902.26 Kbytes
Page   29 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description 20MHz - 66MHz, 10-Bit Bus, IEEE 1149.1 (JTAG) Compliant LVDS Serializer/Deserializer

AS1160 Datasheet (HTML) - ams AG


AS1160 Product details

General Description
The AS1160 (serializer) is designed to convert 10-bit wide parallel LVCMOS/LVTTL data bus signals into a single high-speed LVDS serial data stream with clock. The AS1161 (deserializer) transforms the high-speed LVDS serial data stream back into a 10-bit wide parallel data bus with recovered parallel clock.

Key Features
■ Serial Bus LVDS Data Rate: 660 Mbps @ 66MHz Clock
■ 10-bit Parallel Interface
■ Synchronization Mode and Lock Indicator
■ Programmable Edge Trigger on Clock
■ High Impedance on Rx Inputs during Poweroff
■ Bus LVDS Serial Output Load: 28Ω
■ IEEE 1149.1 (JTAG) Compliant and At-Speed BIST Test Mode
■ Clock Recovery from PLL Lock to Random Data Patterns
■ Guaranteed Transition each Data Transfer Cycle
■ Chipset (Tx + Rx) Power Consumption: < 500 mW @ 66MHz
■ Single Differential-Pair eliminates Multi-Channel Skew
■ Flow-Through Pinout for Simple PCB Layout
■ Small CTBGA 49-bumps Package

Applications
    The devices are ideal for cellular phone base stations, add drop muxes, digital cross-connects. DSLAMs, networkswitches and routers or backplane interconnect.




Similar Part No. - AS1160

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
AS11619 SUMIDA-AS11619 Datasheet
200Kb / 2P
LF Transmitter Antenna
AS11619-125A SUMIDA-AS11619-125A Datasheet
200Kb / 2P
LF Transmitter Antenna
AS11619-125B SUMIDA-AS11619-125B Datasheet
200Kb / 2P
LF Transmitter Antenna
AS11619-125C SUMIDA-AS11619-125C Datasheet
200Kb / 2P
LF Transmitter Antenna
AS11619-125D SUMIDA-AS11619-125D Datasheet
200Kb / 2P
LF Transmitter Antenna
More results


Similar Description - AS1160

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS92LV1021 NSC-DS92LV1021 Datasheet
382Kb / 18P
16-40 MHz 10 Bit Bus LVDS Serializer and Deserializer
SCAN921025 NSC-SCAN921025 Datasheet
474Kb / 21P
30-80 MHz 10 Bit Bus LVDS Serializer and Deserializer with IEEE 1149.1 (JTAG) and at-speed BIST
logo
Texas Instruments
SN65LV1023 TI-SN65LV1023 Datasheet
292Kb / 20P
30 MHZ TO 66MHZ 10:1 LVDS SERIALIZER/DESERIALIZER
logo
National Semiconductor ...
SCAN921260 NSC-SCAN921260 Datasheet
379Kb / 16P
X6 1:10 Deserializer with IEEE 1149.1 (JTAG) and at-speed BIST
SCAN921023 NSC-SCAN921023 Datasheet
508Kb / 20P
20-66 MHz 10 Bit Bus LVDS Serializer and Deserializer
SCAN921025H NSC-SCAN921025H_05 Datasheet
903Kb / 21P
High Temperature 20-80 MHz 10 Bit Bus LVDS SerDes with IEEE 1149.1 (JTAG) and at-speed BIST
logo
Texas Instruments
DS92LV1021 TI1-DS92LV1021_14 Datasheet
1Mb / 23P
16-40 MHz 10 Bit Bus LVDS Serializer and Deserializer
SCAN921023 TI1-SCAN921023_13 Datasheet
945Kb / 25P
SCAN921023 and SCAN921224 20-66 MHz 10 Bit Bus LVDS Serializer and Deserializer with IEEE 1149.1 (JTAG) and at-speed BIST
SCAN921025 TI1-SCAN921025_13 Datasheet
906Kb / 27P
SCAN921025 and SCAN921226 30-80 MHz 10 Bit Bus LVDS Serializer and Deserializer with IEEE 1149.1 (JTAG) and at-speed BIST
logo
Keysight Technologies
N8817A KEYSIGHT-N8817A Datasheet
8Mb / 8P
JTAG (IEEE 1149.1) Protocol
More results




About ams AG


ams AG is a multinational company that designs and manufactures advanced sensor solutions and analog ICs (integrated circuits). The company was founded in 1981 in Austria and has its headquarters in Premstaetten, Austria.

ams AG's product portfolio includes sensors for applications such as mobile devices, automotive, industrial automation, medical, and smart homes. The company also provides ICs for power management, wireless connectivity, and audio processing.

In recent years, ams AG has expanded its business through acquisitions of companies such as TAOS Inc., Heptagon, and Osram Licht AG, which have strengthened the company's expertise in optical sensing and lighting technologies.

ams AG is listed on the SIX Swiss Exchange and has a global presence with offices and production sites in Europe, Asia, and the Americas.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com