Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1160 Datasheet(PDF) 1 Page - ams AG

Part # AS1160
Description  20MHz - 66MHz, 10-Bit Bus, IEEE 1149.1 (JTAG) Compliant LVDS Serializer/Deserializer
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1160 Datasheet(HTML) 1 Page - ams AG

  AS1160 Datasheet HTML 1Page - ams AG AS1160 Datasheet HTML 2Page - ams AG AS1160 Datasheet HTML 3Page - ams AG AS1160 Datasheet HTML 4Page - ams AG AS1160 Datasheet HTML 5Page - ams AG AS1160 Datasheet HTML 6Page - ams AG AS1160 Datasheet HTML 7Page - ams AG AS1160 Datasheet HTML 8Page - ams AG AS1160 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
AS1160/AS1161
20MHz - 66MHz, 10-Bit Bus, IEEE 1149.1 (JTAG)
Compliant LV DS Serializer/Deserializer
www.austriamicrosystems.com/Interfaces-LVDS/AS1160_61
Revision 1.01
1 - 29
Data sheet
1 General Description
The AS1160 (serializer) is designed to convert 10-bit
wide parallel LVCMOS/LVTTL data bus signals into a
single high-speed LVDS serial data stream with clock.
The AS1161 (deserializer) transforms the high-speed
LVDS serial data stream back into a 10-bit wide parallel
data bus with recovered parallel clock.
Both devices are compliant with IEEE 1149.1 Standard
Test Access Port and Boundary Scan Architecture
(including the defined boundary-scan test logic and test
access port consisting of Test Data Input, Test Data Out,
and Test Mode Select, Test Clock, and Test Reset).
The devices also feature an at-speed BIST mode which
allows the interconnects between the serializer and
deserializer to be verified at-speed.
The single differential-pair data-path makes PCB design
easier, and reduced cable/PCB-trace count and connec-
tor size significantly reduce cost. Since one output trans-
mits clock and data bits serially, clock-to-data and data-
to-data skew are eliminated.
Powerdown mode reduces supply current when both
devices are idle.
Both devices are available in a CTBGA 49-bumps pin
package.
Figure 1. Block Diagrams
2 Key Features
!
Serial Bus LVDS Data Rate: 660 Mbps @ 66MHz
Clock
!
10-bit Parallel Interface
!
Synchronization Mode and Lock Indicator
!
Programmable Edge Trigger on Clock
!
High Impedance on Rx Inputs during Poweroff
!
Bus LVDS Serial Output Load: 28
Ω
!
IEEE 1149.1 (JTAG) Compliant and At-Speed BIST
Test Mode
!
Clock Recovery from PLL Lock to Random Data
Patterns
!
Guaranteed Transition each Data Transfer Cycle
!
Chipset (Tx + Rx) Power Consumption: < 500 mW
@ 66MHz
!
Single Differential-Pair eliminates Multi-Channel
Skew
!
Flow-Through Pinout for Simple PCB Layout
!
Small CTBGA 49-bumps Package
3 Applications
The devices are ideal for cellular phone base stations,
add drop muxes, digital cross-connects. DSLAMs, net-
workswitches and routers or backplane interconnect.
AS1160
DO+
DO-
TCLK
TCKR/FN
Input
Latch
PLL
DIN0:9
Parallel-
to-Serial
10
Timing &
Control
DEN
SYNC1
SYNC2
TDI
TDO
TCK
TMS
IEEE 1149.1
Test Access
Port
TRSTN
AS1161
RI+
RI-
Output
Latch
PLL
ROUT0:9
Parallel-
to-Serial
10
Timing &
Control
REFCLK
REN
LOCKN
RCLK
Clock
Recovery
RCKR/FN
LVDS
TDI
TDO
TCK
TMS
IEEE 1149.1
Test Access
Port
TRSTN


Similar Part No. - AS1160

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
AS11619 SUMIDA-AS11619 Datasheet
200Kb / 2P
LF Transmitter Antenna
AS11619-125A SUMIDA-AS11619-125A Datasheet
200Kb / 2P
LF Transmitter Antenna
AS11619-125B SUMIDA-AS11619-125B Datasheet
200Kb / 2P
LF Transmitter Antenna
AS11619-125C SUMIDA-AS11619-125C Datasheet
200Kb / 2P
LF Transmitter Antenna
AS11619-125D SUMIDA-AS11619-125D Datasheet
200Kb / 2P
LF Transmitter Antenna
More results

Similar Description - AS1160

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS92LV1021 NSC-DS92LV1021 Datasheet
382Kb / 18P
16-40 MHz 10 Bit Bus LVDS Serializer and Deserializer
SCAN921025 NSC-SCAN921025 Datasheet
474Kb / 21P
30-80 MHz 10 Bit Bus LVDS Serializer and Deserializer with IEEE 1149.1 (JTAG) and at-speed BIST
logo
Texas Instruments
SN65LV1023 TI-SN65LV1023 Datasheet
292Kb / 20P
30 MHZ TO 66MHZ 10:1 LVDS SERIALIZER/DESERIALIZER
logo
National Semiconductor ...
SCAN921260 NSC-SCAN921260 Datasheet
379Kb / 16P
X6 1:10 Deserializer with IEEE 1149.1 (JTAG) and at-speed BIST
SCAN921023 NSC-SCAN921023 Datasheet
508Kb / 20P
20-66 MHz 10 Bit Bus LVDS Serializer and Deserializer
SCAN921025H NSC-SCAN921025H_05 Datasheet
903Kb / 21P
High Temperature 20-80 MHz 10 Bit Bus LVDS SerDes with IEEE 1149.1 (JTAG) and at-speed BIST
logo
Texas Instruments
DS92LV1021 TI1-DS92LV1021_14 Datasheet
1Mb / 23P
16-40 MHz 10 Bit Bus LVDS Serializer and Deserializer
SCAN921023 TI1-SCAN921023_13 Datasheet
945Kb / 25P
SCAN921023 and SCAN921224 20-66 MHz 10 Bit Bus LVDS Serializer and Deserializer with IEEE 1149.1 (JTAG) and at-speed BIST
SCAN921025 TI1-SCAN921025_13 Datasheet
906Kb / 27P
SCAN921025 and SCAN921226 30-80 MHz 10 Bit Bus LVDS Serializer and Deserializer with IEEE 1149.1 (JTAG) and at-speed BIST
logo
Keysight Technologies
N8817A KEYSIGHT-N8817A Datasheet
8Mb / 8P
JTAG (IEEE 1149.1) Protocol
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com