Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1160 Datasheet(PDF) 20 Page - ams AG

Part # AS1160
Description  20MHz - 66MHz, 10-Bit Bus, IEEE 1149.1 (JTAG) Compliant LVDS Serializer/Deserializer
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1160 Datasheet(HTML) 20 Page - ams AG

Back Button AS1160 Datasheet HTML 16Page - ams AG AS1160 Datasheet HTML 17Page - ams AG AS1160 Datasheet HTML 18Page - ams AG AS1160 Datasheet HTML 19Page - ams AG AS1160 Datasheet HTML 20Page - ams AG AS1160 Datasheet HTML 21Page - ams AG AS1160 Datasheet HTML 22Page - ams AG AS1160 Datasheet HTML 23Page - ams AG AS1160 Datasheet HTML 24Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
www.austriamicrosystems.com/Interfaces-LVDS/AS1160_61
Revision 1.01
20 - 29
AS1160/AS1161
Datasheet - D e t a i l e d D e s c r i p t i o n
Data Transfer
After initialization, the serializer will accept data from inputs DIN0:DIN9. The serializer uses TCLK to latch incoming
data. TCKR/FN selects which edge the serializer uses to strobe incoming data. TCKR/FN high selects the rising edge
for clocking data and low selects the falling edge. If SYNC1 or SYNC2 is high for more than 5 TCLK cycles, the data at
DIN0:DIN9 is ignored regardless of clock edge.
After determining which clock edge to use a start and stop bit, appended internally, frame the data bits in the register.
The start bit is always high and the stop bit is always low. In the serial stream the start and stop bits are used as the
embedded clock bits.
The serializer transmits serialized data and clock bits (10 + 2 bits) from the serial data output (DO+ and DO-) at 12
times the TCLK frequency. For example, if TCLK is 66MHz, the serial rate is 66 x 12 = 792 mega bits per second.
Since only 10 bits are from input data, the serial payload rate is 10 times the TCLK frequency (if TCLK = 66MHz, the
payload data rate is 66 x 10 = 660Mbps). The data source provides TCLK and must be in the range of 20MHz to
66MHz nominal.
The serializer outputs (DO+ and DO-) can drive a point-to-point connection (see Figure 37 on page 24) or a multidrop
configuration (see Figure 35). In a multidrop configuration one serializer is connected through a backplane bus with
limited multiple deserializers.
The outputs transmit data when DEN, PWDNN are high and SYNC1, SYNC2 are low.
Note: When DEN is driven low, the serializer output pins will enter tri-state.
Figure 35. Multidrop Configuration
When the deserializer synchronizes to the serializer, pin LOCKN is low. The deserializer locks to the internal clock and
uses it to recover the serialized data. ROUT0:ROUT9 data is valid when LOCKN is low, otherwise ROUT0:ROUT9 is invalid.
Pins ROUT0:ROUT9 use pin RCLK as the reference to data. The polarity of the RCLK edge is controlled by the RCKR/
FN input (see Figure 28 on page 16). ROUT0:ROUT9, LOCKN and RCLK outputs will drive a maximum of three CMOS
input gates (15pF load) with a 66MHz clock.
ASIC
ASIC
ASIC
ASIC
ASIC
56
Ω
56
Ω
10-bit
10-bit
10-bit
10-bit
10-bit
RX
RX
RX
RX
Transmitter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com