Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1160 Datasheet(PDF) 17 Page - ams AG

Part # AS1160
Description  20MHz - 66MHz, 10-Bit Bus, IEEE 1149.1 (JTAG) Compliant LVDS Serializer/Deserializer
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1160 Datasheet(HTML) 17 Page - ams AG

Back Button AS1160 Datasheet HTML 13Page - ams AG AS1160 Datasheet HTML 14Page - ams AG AS1160 Datasheet HTML 15Page - ams AG AS1160 Datasheet HTML 16Page - ams AG AS1160 Datasheet HTML 17Page - ams AG AS1160 Datasheet HTML 18Page - ams AG AS1160 Datasheet HTML 19Page - ams AG AS1160 Datasheet HTML 20Page - ams AG AS1160 Datasheet HTML 21Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
www.austriamicrosystems.com/Interfaces-LVDS/AS1160_61
Revision 1.01
17 - 29
AS1160/AS1161
Datasheet - Ti m i n g D i a g r a m s
Figure 30. Deserializer PLL Lock Times and PWDNN Tri-State Delays
Figure 31. Deserializer PLL Lock Time from SYNCPAT
2.0V
Data
PWDNN
REFCLK
RI+
RI-
tDSR1
0.8V
Don’t Care
Tri-State
Tri-State
Tri-State
Tri-State
Tri-State
Tri-State
SYNCPATs
LOCKN
ROUT0:9
RCLK
REN
tZHLK
tZHR or tZLR
tHZR or tLZR
SYNC Symbol or DIN0:9
RCKR/FN = low
tRCLKL
REN
Tri-State
Tri-State
RCLK
Tri-State
Tri-State
ROUT0:9
SYNC Symbol or DIN0:9
tZHR or tZLR
tHZR or tLZR
Tri-State
LOCKN
REFCLK
RI+
RI-
PWDNN
Data
SYNCPATs
tDSR2
0.8V
1.3V
1.1V
Don’t Care
1.2V
tRCLKL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com