Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1160 Datasheet(PDF) 24 Page - ams AG

Part # AS1160
Description  20MHz - 66MHz, 10-Bit Bus, IEEE 1149.1 (JTAG) Compliant LVDS Serializer/Deserializer
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1160 Datasheet(HTML) 24 Page - ams AG

Back Button AS1160 Datasheet HTML 20Page - ams AG AS1160 Datasheet HTML 21Page - ams AG AS1160 Datasheet HTML 22Page - ams AG AS1160 Datasheet HTML 23Page - ams AG AS1160 Datasheet HTML 24Page - ams AG AS1160 Datasheet HTML 25Page - ams AG AS1160 Datasheet HTML 26Page - ams AG AS1160 Datasheet HTML 27Page - ams AG AS1160 Datasheet HTML 28Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 29 page
background image
www.austriamicrosystems.com/Interfaces-LVDS/AS1160_61
Revision 1.01
24 - 29
AS1160/AS1161
Datasheet - A p p l i c a t i o n I n f o r m a t i o n
PCB Considerations
The serializer and deserializer should be placed as close to the PCB edge connector as possible. In multiple deserial-
izer applications, the distance from the deserializer to the slot connector appears as a stub to the serializer driving the
backplane traces. Longer stubs lower the impedance of the bus, increase the load on the serializer and lower the
threshold margin at the deserializers. Deserializer devices should be placed much less than one inch from slot connec-
tors. Because transition times are very fast on the serializer bus LVDS outputs, reducing stub lengths as much as pos-
sible is the best method to ensure signal integrity.
For bus LVDS applications the LVTTL, LVCMOS and bus LVDS signals should be separated from each other to pre-
vent coupling into the bus lines. This can be achieved by using a four-layer PCB where the power, ground and input/
output signals are separated.
Transmission Media
The transmission line characteristics affect the performance of the AS1160/AS1161. It’s recommended to use con-
trolled-impedance media and to terminate at both ends of the transmission line (see Figure 37). Twisted pair cables
should be used due to their superior signal quality and the less EMI generation. Noise which is picked up as common
mode in the twisted pair is rejected by the differential receiver.
It’s important to eliminate reflections and to run the differential traces as close together as possible to ensure that the
noise is coupled as common mode. Also take care of matching the electrical length of the traces to prevent a degrada-
tion of the magnetic field cancellation. To avoid an external magnetic field, the differential output signals should also be
placed as close together as possible.
The potential of offsetting the ground levels of the serializer vs. the deserializer must be considered. The bus LVDS
provides a +1.2V common mode range at the receiver inputs.
Figure 37. Double-Terminated Point-to-Point
The serializer/deserializer chipset can be used in many different topologies. Such as multidrop configurations (see Fig-
ure 35 on page 20), through a PCB trace or through twisted pair cable (see Figure 37).
In point-to-point configurations, it’s possible to terminated the transmission line only once at the receiver end. With only
one termination the reflections and the differential signal swing are larger compared to a double termination.
Parallel
Data Out
Parallel
Data In
Serialized Data
56
Ω
56
Ω
AS1160
AS1161
Strip Line or Twisted Pair
Z = 28
Ω
DO-
DO+
RI-
RI+
10-bit
10-bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com