Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1160 Datasheet(PDF) 21 Page - ams AG

Part # AS1160
Description  20MHz - 66MHz, 10-Bit Bus, IEEE 1149.1 (JTAG) Compliant LVDS Serializer/Deserializer
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1160 Datasheet(HTML) 21 Page - ams AG

Back Button AS1160 Datasheet HTML 17Page - ams AG AS1160 Datasheet HTML 18Page - ams AG AS1160 Datasheet HTML 19Page - ams AG AS1160 Datasheet HTML 20Page - ams AG AS1160 Datasheet HTML 21Page - ams AG AS1160 Datasheet HTML 22Page - ams AG AS1160 Datasheet HTML 23Page - ams AG AS1160 Datasheet HTML 24Page - ams AG AS1160 Datasheet HTML 25Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
www.austriamicrosystems.com/Interfaces-LVDS/AS1160_61
Revision 1.01
21 - 29
AS1160/AS1161
Datasheet - D e t a i l e d D e s c r i p t i o n
Resynchronization
When the deserializer PLL locks to the embedded clock edge, the deserializer LOCKN pin asserts a low. If the deseri-
alizer loses lock, pin LOCKN output will go high and the outputs (including RCLK) will enter tri-state.
The user’s system monitors the pin LOCKN to detect a loss of synchronization. Upon detection, the system can
arrange to pulse the serializer SYNC1 or SYNC2 pin to resynchronize.
Multiple resynchronization approaches are possible. It is mandatory to provide a feedback loop using pin LOCKN to
control the SYNC request of the serializer (SYNC1 or SYNC2). Two SYNC pins are provided for multiple control in a
multi-drop application. Sending SYNCPATs for resynchronization is desirable when lock times within a specific time
are critical.
Powerdown
The low-power powerdown mode can be used while no data transfer is taking place. The serializer and deserializer
use the powerdown mode to reduce power consumption by:
- The deserializer enters powerdown when pins PWDNN and REN are low.
- The serializer enters powerdown when pin PWDNN is driven low.
In powerdown, the PLL stops and the outputs enter tri-state, which disables load current and reduces supply current to
the µA range.
Note: To exit powerdown, drive pin PWDNN high.
Before valid data exchanges between the serializer and deserializer, the devices must re-initialized and resynchro-
nized to each other. Initialization of the serializer takes a maximum of 400 TCLK cycles. The deserializer will initialize
and assert LOCKN high until lock to the Bus LVDS clock occurs.
Tri-State
The serializer enters tri-state when pin DEN is driven low. This puts both driver output pins (DO+ and DO-) into tri-
state. When DEN is driven high, the serializer returns to the previous state, as long as all other control pins remain
static (SYNC1, SYNC2, PWDNN, TCKR/FN).
When pin REN is driven low, the deserializer enters tri-state. Consequently, the receiver output pins (ROUT0:ROUT9)
and RCLK will enter tri-state. The LOCKN output remains active, reflecting the state of the PLL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com