Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1160 Datasheet(PDF) 25 Page - ams AG

Part # AS1160
Description  20MHz - 66MHz, 10-Bit Bus, IEEE 1149.1 (JTAG) Compliant LVDS Serializer/Deserializer
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1160 Datasheet(HTML) 25 Page - ams AG

Back Button AS1160 Datasheet HTML 21Page - ams AG AS1160 Datasheet HTML 22Page - ams AG AS1160 Datasheet HTML 23Page - ams AG AS1160 Datasheet HTML 24Page - ams AG AS1160 Datasheet HTML 25Page - ams AG AS1160 Datasheet HTML 26Page - ams AG AS1160 Datasheet HTML 27Page - ams AG AS1160 Datasheet HTML 28Page - ams AG AS1160 Datasheet HTML 29Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 25 / 29 page
background image
www.austriamicrosystems.com/Interfaces-LVDS/AS1160_61
Revision 1.01
25 - 29
AS1160/AS1161
Datasheet - A p p l i c a t i o n I n f o r m a t i o n
Failsafe Biasing
The AS1161 has an input threshold sensitivity of ±75mV, which allows a greater differential noise margin.
However, in cases where the receiver input is not being actively driven, the increased sensitivity of the AS1161 can
pickup noise as a signal and cause unintentional locking (e.g., when the input cable is left floating).
Figure 38. Failsafe Biasing Setup
External resistors can be added to the receiver circuit to prevent noise pickup as shown in Figure 38. In such circuits,
the non-inverting receiver input is pulled up and the inverting receiver input is pulled down by high value resistors. The
pull-up and pull-down resistors (R1 and R2 in Figure 38) provide a current path through the termination resistor (RLOAD)
which biases the receiver inputs when they are not connected to an active driver.
Note: The value of the pull-up and pull-down resistors should be chosen so that sufficient current is drawn to provide
a +15mV drop across the termination resistor.
Signal Integrity
For a validation of the signal qualitiy in an application or in a simulation, the parameters tDJIT and tRNM can be used to
generate an eye pattern mask.
tDJIT measures the transmitter’s ability to place data bits in the ideal position to be sampled by the receiver. The typical
tDJIT parameter of 50ps @ 66MHz indicates that the crossing point of the Tx data is 50ps before the ideal crossing
point. The tDJITMIN and tDJITMAX parameters specify the earliest and latest time that a crossing will occur relative to the
ideal position.
Figure 39. Eye Pattern Mask Generation and Signal Quality Validation
First of all, tRNM is calculated by measuring how much of the bit the receiver needs to ensure correct sampling. This
calculated amount is subtracted from the ideal bit and what’s left of it is available for external sources of noise and is
called tRNM. It is the offset from tDJIT for the test mask within the eye opening.
The vertical limits of the mask are determined by the AS1161 receiver input threshold of ±75mV.
R1
R2
RLOAD
VDD
Y1
Y2
X1
X2
tDJIT (min)
tDJIT (typ)
tDJIT (max)
tRNM
Ideal Crossing
Vertical = 200mV/Div
Horizontal = 200ps/Div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com