Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1160 Datasheet(PDF) 12 Page - ams AG

Part # AS1160
Description  20MHz - 66MHz, 10-Bit Bus, IEEE 1149.1 (JTAG) Compliant LVDS Serializer/Deserializer
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1160 Datasheet(HTML) 12 Page - ams AG

Back Button AS1160 Datasheet HTML 8Page - ams AG AS1160 Datasheet HTML 9Page - ams AG AS1160 Datasheet HTML 10Page - ams AG AS1160 Datasheet HTML 11Page - ams AG AS1160 Datasheet HTML 12Page - ams AG AS1160 Datasheet HTML 13Page - ams AG AS1160 Datasheet HTML 14Page - ams AG AS1160 Datasheet HTML 15Page - ams AG AS1160 Datasheet HTML 16Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
www.austriamicrosystems.com/Interfaces-LVDS/AS1160_61
Revision 1.01
12 - 29
AS1160/AS1161
Datasheet - Ti m i n g D i a g r a m s
9 Timing Diagrams
Figure 15. JTAG Timing Diagram
Figure 16. Worst-Case Serializer ICC Test Pattern
Figure 17. Worst-Case Deserializer ICC Test Pattern
tTCK
TDI, TMS
TCK
tWH
tWL
tSPW
tSPW
td
ty
tREC
tWR
TDO
TRSTN
TCLK
Odd DIN
Even DIN
RCLK
Odd ROUT
Even ROUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com