Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1160 Datasheet(PDF) 26 Page - ams AG

Part # AS1160
Description  20MHz - 66MHz, 10-Bit Bus, IEEE 1149.1 (JTAG) Compliant LVDS Serializer/Deserializer
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1160 Datasheet(HTML) 26 Page - ams AG

Back Button AS1160 Datasheet HTML 21Page - ams AG AS1160 Datasheet HTML 22Page - ams AG AS1160 Datasheet HTML 23Page - ams AG AS1160 Datasheet HTML 24Page - ams AG AS1160 Datasheet HTML 25Page - ams AG AS1160 Datasheet HTML 26Page - ams AG AS1160 Datasheet HTML 27Page - ams AG AS1160 Datasheet HTML 28Page - ams AG AS1160 Datasheet HTML 29Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 26 / 29 page
background image
www.austriamicrosystems.com/Interfaces-LVDS/AS1160_61
Revision 1.01
26 - 29
AS1160/AS1161
Datasheet - A p p l i c a t i o n I n f o r m a t i o n
JTAG Test Modes
Instructions supported by the AS1160/AS1161 and its respective operational binary codes are shown in Table 12.
Note: Boundary Scan Description Language (BSDL) model files for the AS1160 and the AS1161 are available on the
internet.
SAMPLE/PRELOAD
This is a mandatory instruction for the IEEE 1149.1 specification that supports two functions. The digital I/Os of the
device can be sampled at the boundary scan test data register without interfering with the normal operation of the
device. SAMPLE/PRELOAD also allows the device to shift data into the boundary scantest data register through TDI.
BYPASS
When the BYPASS instruction is latched into the instruction register, TDI connects to TDO through the 1-bit bypass
test data register. This allows data to pass from TDI to TDO without affecting the device’s normal operation.
EXTEST
Implemented at LVDS levels as a go/no-go test (e.g. missing cables).
IDCODE
The AS1160/AS1161 ID code is provided to the TDO output.
RUNBIST
An at-system-speed interconnect test instruction. It is executed in approximately 33mS (@ 66MHz system speed).
There are two bits in the RX BIST data register for notification of PASS/FAIL and TEST_COMPLETE. Pass indicates
that the BER (bit-error-rate) is better than 10
-7
.
If both the AS1160 and the AS1161 have loaded the RUNBIST instruction into their instruction registers, both devices
must move into the RTI state within 4K system clocks (at a SCLK of 66Mhz and TCK of 1MHz this allows for 66 TCK
cycles). This is only an issue when both devices are not on the same scan chain or LSP, although, it can be a problem
with some multi-drop devices.
Table 12. Instruction Codes
Instruction
Code
SAMPLE/PRELOAD
0101
BYPASS
1111
EXTEST
0001
IDCODE
1010
RUNBIST
1110
Table 13. 32bit ID Code
MSB
LSB
Device
Version (4bits)
Device ID (16bits)
Manufacturer ID (11bits)
Fixed Value (1bit)
AS1160
0100
0001000101100000
01011011010
1
AS1161
0100
0001000101100001
01011011010
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com