Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1160 Datasheet(PDF) 18 Page - ams AG

Part # AS1160
Description  20MHz - 66MHz, 10-Bit Bus, IEEE 1149.1 (JTAG) Compliant LVDS Serializer/Deserializer
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1160 Datasheet(HTML) 18 Page - ams AG

Back Button AS1160 Datasheet HTML 14Page - ams AG AS1160 Datasheet HTML 15Page - ams AG AS1160 Datasheet HTML 16Page - ams AG AS1160 Datasheet HTML 17Page - ams AG AS1160 Datasheet HTML 18Page - ams AG AS1160 Datasheet HTML 19Page - ams AG AS1160 Datasheet HTML 20Page - ams AG AS1160 Datasheet HTML 21Page - ams AG AS1160 Datasheet HTML 22Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
www.austriamicrosystems.com/Interfaces-LVDS/AS1160_61
Revision 1.01
18 - 29
AS1160/AS1161
Datasheet - Ti m i n g D i a g r a m s
Figure 32. Definition of Deterministic Jitter (tDJIT)
Figure 33. Receiver Bus LVDS Input Skew Margin
Where:
tSW is the setup and hold time (internal data sampling window).
tDJIT is the serializer output bit position jitter as a result of jitter on TCLK.
tRNM is the receiver noise time margin.
Figure 34. Data Transfer Mode, VOD Diagram (VOD = DO+ - DO-)
tDJIT(p-p)
0 Differential
(DO+) - (DO-)
Waveform
Superimposed ICC Pattern
Trigger
tRNM
1.2V
RI-
RI+
VTH
VTL
1.0V
tSW
Ideal Sampling Position
tDJIT
tRNM
tDJIT
AS1160
TCLK
DIN0:9
DO-
DO+
RLOAD
Parallel
to
Serial
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com