Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1160 Datasheet(PDF) 23 Page - ams AG

Part # AS1160
Description  20MHz - 66MHz, 10-Bit Bus, IEEE 1149.1 (JTAG) Compliant LVDS Serializer/Deserializer
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1160 Datasheet(HTML) 23 Page - ams AG

Back Button AS1160 Datasheet HTML 19Page - ams AG AS1160 Datasheet HTML 20Page - ams AG AS1160 Datasheet HTML 21Page - ams AG AS1160 Datasheet HTML 22Page - ams AG AS1160 Datasheet HTML 23Page - ams AG AS1160 Datasheet HTML 24Page - ams AG AS1160 Datasheet HTML 25Page - ams AG AS1160 Datasheet HTML 26Page - ams AG AS1160 Datasheet HTML 27Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 29 page
background image
www.austriamicrosystems.com/Interfaces-LVDS/AS1160_61
Revision 1.01
23 - 29
AS1160/AS1161
Datasheet - A p p l i c a t i o n I n f o r m a t i o n
Figure 36. Typical Application
Noise Margin
The deserializer (AS1161) noise margin is the amount of input jitter (phase noise) that the deserializer can tolerate and
still reliably receive data. Various environmental and systematic factors include:
- Serializer: TCLK jitter, VDD noise (noise bandwidth and out-of-band noise)
- Media: ISI (Inter Symbolic Interference), Large VCM shifts
- Deserializer: VDD noise
Lock Loss Recovery
In the case where the deserializer (AS1161) loses lock during data transmission, up to 3 cycles of data that were previ-
ously received can be invalid. This is due to the delay in the lock detection circuit. The lock detect circuit requires that
invalid clock information be received 4 times in a row to indicate loss of lock. Since clock information has been lost, it is
possible that data was also lost during these cycles. Therefore, after the deserializer re-locks to the incoming data
stream and the deserializer LOCKN pin goes low, at least three previous data cycles should be suspect for bit errors.
The deserializer can re-lock to the incoming data stream by making the serializer re-send SYNCPATs.
Hot Insertion
As all BLVDS devices the AS1161 is hot pluggable but you have to follow some rules.
Hot insertion should be performed with pins making contact in the following order:
- Ground pins
-VDD pins
- I/O pins
Note: When removing the device, the pin groups should be removed in reverse order from insertion.
AS1160
DO+
DO-
TCLK
TCKR/FN
Input
Latch
PLL
DIN0:9
Parallel
-to-
Serial
10
Timing &
Control
DEN
SYNC1
SYNC2
AS1161
RI+
RI-
Output
Latch
PLL
ROUT0:9
10
Timing &
Control
REFCLK
REN
LOCKN
RCLK
RCKR/
Parallel
-to-
Serial
JTAG
JTAG
56
Ω
PWDNN
PWDNN
ASIC/
FPGA/
DSP
ASIC/
FPGA/
DSP
VDD
VDD
Clock
Recovery



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com