Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1160 Datasheet(PDF) 8 Page - ams AG

Part # AS1160
Description  20MHz - 66MHz, 10-Bit Bus, IEEE 1149.1 (JTAG) Compliant LVDS Serializer/Deserializer
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1160 Datasheet(HTML) 8 Page - ams AG

Back Button AS1160 Datasheet HTML 4Page - ams AG AS1160 Datasheet HTML 5Page - ams AG AS1160 Datasheet HTML 6Page - ams AG AS1160 Datasheet HTML 7Page - ams AG AS1160 Datasheet HTML 8Page - ams AG AS1160 Datasheet HTML 9Page - ams AG AS1160 Datasheet HTML 10Page - ams AG AS1160 Datasheet HTML 11Page - ams AG AS1160 Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
www.austriamicrosystems.com/Interfaces-LVDS/AS1160_61
Revision 1.01
8 - 29
AS1160/AS1161
Datasheet - E l e c t r i c a l C h a r a c t e r i s t i c s
Deserializer Timing Requirements for REFCLK
Deserializer Switching Characteristics
IILR
Input Current, TMS, TDI,
TRSTN inputs
VIN = 0V
-30
-60
µA
VOH
High Level Output Voltage
IOH = -4 mA
2.2
3.0
VDD
V
VOL
Low Level Output Voltage
IOH = 4 mA
GND
0.25
0.5
V
IOS
Output Short Circuit
Current
VOUT = 0V
-15
-35
-60
mA
IOS
Output Short Circuit
Current, TDO output
-80
-150
-220
mA
IOZ
Tri-State Output Current
PWDNN or REN = 0V,
VOUT = 0V or VDD
-1
+1
µA
Deserializer Supply Current (pins DVDD and AVDD)
ICCR
Deserializer Supply
Current (Worst Case)
Figure 17 on page 12
f = 20MHz
45
60
mA
f = 66MHz
100
130
ICCXR
Deserializer Supply
Current (Powerdown)
PWDNN = 0V, REN = 0V
0.75
1.0
mA
Table 8. Deserializer Timing Requirements for REFCLK
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fRFCLK
REFCLK Frequency
20
66
MHz
tRFCP
REFCLK Period
15.15
T
50
ns
tRFDC
REFCLK Duty Cycle
30
50
70
%
tRFCP/tTCP
REFCLK-to-TCLK Ratio
95
1
105
tRFTT
REFCLK Transition Time
3
6
ns
Table 9. Deserializer Switching Characteristics
1
Symbol
Parameter
Conditions
Pin/
Frequency
Min
Typ
Max
Unit
tRCP
Receiver Out Clock
Period
tRCP = tTCP,
Figure 26 on page 15
RCLK
15.15
50
ns
tCLH
CMOS/TTL Low-to-
High Transition Time
Figure 19 on page 13
RCLK,
ROUTx,
LOCKN
1.5
4
ns
tCHL
CMOS/TTL High-to-
Low Transition Time
1.4
4
ns
tDD
Deserializer Delay,
Figure 27 on page 16
All temperatures, all
frequencies
1.6 x tRCP
+ 1.0
1.75 x tRCP
+ 7.0
ns
Room temperature, 3.3V
20MHz
1.6 x tRCP
+ 2.0
1.6 x tRCP
+ 4.0
1.6 x tRCP
+ 6.0
Room temperature, 3.3V
66MHz
1.75 x tRCP
+ 2.0
1.75 x tRCP
+ 4.0
1.75 x tRCP
+ 6.0
tROS
ROUT Data Valid
Before RCLK Time
Figure 28 on page 16
20MHz
0.4 x tRCP
0.5 x tRCP
ns
66MHz
0.38 x tRCP
0.5 x tRCP
tROH
ROUT Data Valid After
RCLK Time
Figure 28 on page 16
20MHz
-0.4 x tRCP
0.5 x tRCP
ns
66MHz
-0.38 x
tRCP
-0.5 x tRCP
Table 7. Electrical Characteristics (Continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com