Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1160 Datasheet(PDF) 10 Page - ams AG

Part # AS1160
Description  20MHz - 66MHz, 10-Bit Bus, IEEE 1149.1 (JTAG) Compliant LVDS Serializer/Deserializer
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1160 Datasheet(HTML) 10 Page - ams AG

Back Button AS1160 Datasheet HTML 6Page - ams AG AS1160 Datasheet HTML 7Page - ams AG AS1160 Datasheet HTML 8Page - ams AG AS1160 Datasheet HTML 9Page - ams AG AS1160 Datasheet HTML 10Page - ams AG AS1160 Datasheet HTML 11Page - ams AG AS1160 Datasheet HTML 12Page - ams AG AS1160 Datasheet HTML 13Page - ams AG AS1160 Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
www.austriamicrosystems.com/Interfaces-LVDS/AS1160_61
Revision 1.01
10 - 29
AS1160/AS1161
Datasheet - Ty p i c a l O p e r a t i n g C h a r a c t e r i s t i c s A S 11 6 0
7 Typical Operating Characteristics AS1160
VDD = 3.6V, RLOAD = 28
Ω, CLOAD = 10pF, TAMB = +25ºC (unless otherwise specified);
Figure 4. Supply Current vs Supply Voltage
Figure 5. Power-Down Current vs Supply Voltage
0
10
20
30
40
50
60
70
80
90
2.8
3
3.2
3.4
3.6
3.8
Supply Voltage (V)
fclk=20M Hz
fclk=66M Hz
0
50
100
150
200
250
300
350
400
450
500
2.8
3
3.2
3.4
3.6
3.8
Supply Voltage (V)
Figure 6. Supply Current vs Clock Frequency
Figure 7. Supply Current vs Temperature
0
10
20
30
40
50
60
70
80
90
20
25
30
35
40
45
50
55
60
65
70
Clock Frequency (MHz)
IDD @ VDD=3,6V
IDD @ VDD=3V
0
10
20
30
40
50
60
70
80
90
-45 -30
-15
0
15
30
45
60
75
90
Temperature (°C)
f clk=20M Hz
f clk=66M Hz
Figure 8. Power-Down Current vs. Temperature
Figure 9. Deterministic Jitter vs. Temperature
200
300
400
500
600
-45 -30 -15
0
15
30
45
60
75
90
Temperature (°C)
0
40
80
120
160
200
240
-45 -30 -15
0
15
30
45
60
75
90
Temperature (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com