Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1160 Datasheet(PDF) 19 Page - ams AG

Part # AS1160
Description  20MHz - 66MHz, 10-Bit Bus, IEEE 1149.1 (JTAG) Compliant LVDS Serializer/Deserializer
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1160 Datasheet(HTML) 19 Page - ams AG

Back Button AS1160 Datasheet HTML 15Page - ams AG AS1160 Datasheet HTML 16Page - ams AG AS1160 Datasheet HTML 17Page - ams AG AS1160 Datasheet HTML 18Page - ams AG AS1160 Datasheet HTML 19Page - ams AG AS1160 Datasheet HTML 20Page - ams AG AS1160 Datasheet HTML 21Page - ams AG AS1160 Datasheet HTML 22Page - ams AG AS1160 Datasheet HTML 23Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
www.austriamicrosystems.com/Interfaces-LVDS/AS1160_61
Revision 1.01
19 - 29
AS1160/AS1161
Datasheet - D e t a i l e d D e s c r i p t i o n
10 Detailed Description
The serializer/deserializer chipset transfers 10 parallel LVTTL data bits over a serial Bus LVDS link up to 660Mbps at
clock speeds from 20MHz to 66MHz.
For the serializer, an on-board PLL serializes the input data and inserts two control bits (start & stop bit) into the data
stream.
The deserializer uses a separate reference clock (REFCLK) and an onboard PLL to extract the clock information from
the incoming data stream and then deserialize the data. The deserializer monitors the incoming clock information,
determines lock status and asserts the LOCKN output high when loss of lock occurs.
Note: The chipset is also capable of driving data over unshielded twisted pair cable.
The chipset has three active states of operation:
- Initialization
- Data Transfer
- Resynchronization
The chipset also has two passive states:
- Powerdown
- Tri-State
Note: There are also test modes for JTAG access and at-speed BIST (built-in-self-test).
Initialization
Initialization of both devices must occur before data transmission begins. Initialization refers to synchronization of the
serializer and deserializer PLLs to local clocks, which may be the same or separate. Afterwards, synchronization of the
deserializer to the serializer occurs.
1. When VDD is applied and reaches a stable value between +3.0V and +3.6V, the PWDNN of the serializer has
to stay low for at least 50µs to ensure proper operation (see Figure 23 on page 14), the respective output enter
tri-state. After PWDNN is high the PLL in the serializer begins locking to a local clock.
When VDD is applied to the deserializer, the respective outputs enter tri-state and an on-chip power-on circuitry
disables internal circuitry. When VDD reaches VDDOK (2.5V) the PLL in the deserializer begins locking to a local
clock. For the serializer, the local clock is the transmited clock (TCLK) provided by the source ASIC or other
device. For the deserializer, a local clock must be applied to pin REFCLK that can be provided by any source.
The serializer outputs remain in tri-state while the PLL locks to the TCLK. After locking to TCLK, the serializer
is now ready to send data or SYNCPATs (SYNC patterns), depending on the levels of the SYNC1 and SYNC2
inputs or a data stream.
The SYNCPAT sent by the serializer consists of six ones and six zeros switching at the input clock rate. Note
that the deserializer LOCKN output will remain high while its PLL locks to the incoming data or to SYNCPATs
on the input.
2. The deserializer PLL must synchronize to the serializer to complete initialization. The deserializer will lock to
non-repetitive data patterns. However, the transmission of SYNCPATs enables the deserializer to lock to the
serializer signal within a specified time (see Figure 24 on page 14).
The application determines control of pins SYNC1 and SYNC2. A direct feedback loop from the LOCKN pin is
mandatory (see Figure 36 on page 23). In all cases the serializer stops sending SYNCPATs after both SYNC
inputs return low.
When the deserializer detects edge transitions at the bus LVDS input, it will attempt to lock to the embedded
clock information. When the deserializer locks to the bus LVDS clock, the LOCKN output will go low. When
LOCKN is low, the deserializer outputs represent incoming bus LVDS data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com