Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1160 Datasheet(PDF) 22 Page - ams AG

Part # AS1160
Description  20MHz - 66MHz, 10-Bit Bus, IEEE 1149.1 (JTAG) Compliant LVDS Serializer/Deserializer
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1160 Datasheet(HTML) 22 Page - ams AG

Back Button AS1160 Datasheet HTML 18Page - ams AG AS1160 Datasheet HTML 19Page - ams AG AS1160 Datasheet HTML 20Page - ams AG AS1160 Datasheet HTML 21Page - ams AG AS1160 Datasheet HTML 22Page - ams AG AS1160 Datasheet HTML 23Page - ams AG AS1160 Datasheet HTML 24Page - ams AG AS1160 Datasheet HTML 25Page - ams AG AS1160 Datasheet HTML 26Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
www.austriamicrosystems.com/Interfaces-LVDS/AS1160_61
Revision 1.01
22 - 29
AS1160/AS1161
Datasheet - A p p l i c a t i o n I n f o r m a t i o n
11 Application Information
Power Considerations
An all CMOS design of the serializer and deserializer makes them inherently low power devices. In addition, the con-
stant current source nature of the bus LVDS outputs minimizes the slope of the speed vs. IDD curve of conventional
CMOS designs.
The pins AVDD and DVDD should be bypassed with a 100nF and a 1nF ceramic capacitor in parallel. The 1nF capac-
itor should be closest to the pin.
Powering up the Deserializer
The AS1161 can be powered up at any time by following a proper sequence. The REFCLK input can be running before
the deserializer powers up and it must be running in order for the deserializer to lock to incoming data. The deserializer
outputs will remain in tri-state until the deserializer detects data transmission at its inputs and locks to the incoming
data stream.
Transmitting Data
Once the serializer (AS1160) and deserializer (AS1161) are powered up, they must be phase locked to each other to
transmit data. Phase locking occurs when the deserializer locks to incoming data or when the serializer sends patterns.
The serializer sends SYNCPATs whenever the SYNC1 or SYNC2 inputs are high. The LOCKN output of the deserial-
izer remains high until it has locked to the incoming data stream. Connecting the LOCKN output of the deserializer to
one of the SYNC inputs of the serializer will guarantee that enough SYNCPATs are sent to achieve deserializer lock
(see Figure 36 on page 23).
As long as the deserializer LOCKN output is low, valid data is presented at the deserializer outputs (ROUT0:ROUT9),
except for the specific case of loss of lock during transmission (see Lock Loss Recovery on page 23).
Table 11. Deserializer Truth Table
Inputs
Outputs
PWDNN
REN
LOCKN
ROUTx
RCLK
High
High
High (not locked)
Z
Z
High
High
Low (not locked)
Active
1
1. Active indicates the RCLK will be running if the deserializer is locked. The timing of RCLK with respect to
ROUT0:ROUT9 is determined by RCKR/FN. ROUT0:ROUT9 and RCLK are tri-stated when LOCKN is asserted
high.
Active
1
Low
X (dont care)
Z
Z
Z
High
Low
Active
2
2. Active indicates the LOCKN output will reflect the state of the deserializer with regard to the selected data
stream.
ZZ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com