Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1160 Datasheet(PDF) 15 Page - ams AG

Part # AS1160
Description  20MHz - 66MHz, 10-Bit Bus, IEEE 1149.1 (JTAG) Compliant LVDS Serializer/Deserializer
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1160 Datasheet(HTML) 15 Page - ams AG

Back Button AS1160 Datasheet HTML 11Page - ams AG AS1160 Datasheet HTML 12Page - ams AG AS1160 Datasheet HTML 13Page - ams AG AS1160 Datasheet HTML 14Page - ams AG AS1160 Datasheet HTML 15Page - ams AG AS1160 Datasheet HTML 16Page - ams AG AS1160 Datasheet HTML 17Page - ams AG AS1160 Datasheet HTML 18Page - ams AG AS1160 Datasheet HTML 19Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
www.austriamicrosystems.com/Interfaces-LVDS/AS1160_61
Revision 1.01
15 - 29
AS1160/AS1161
Datasheet - Ti m i n g D i a g r a m s
Figure 25. SYNC Timing Delays
Figure 26. Serializer Delay
REN
tSPW
tSPW minimum timing met
Data
SYNCPAT
SYNCPAT
Data
DO+
DO-
SYNC1
or
SYNC2
TCLK
SYNC1
or
SYNC2
PWDNN
TCLK
DO+
DO-
11111
00000
SYNCPAT
SYNCPAT
tSD
Timing shown for TCKR/FN = high
Start
Bit
Start
Bit
Stop
Bit
Stop
Bit
DIN0:9 Symbol n + 1
DIN0:9 Symbol n
DOUT0:9 Symbol n - 1
DOUT0:9 Symbol n
TCLK
DIN
DO-
DO+
0
1
2
9
8
DIN0:9 Symbol n + 2
tTCP
Start
Bit
DOUT0:9 Symbol n + 1
0
1
2
9
8
0
1
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com