Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1160 Datasheet(PDF) 3 Page - ams AG

Part # AS1160
Description  20MHz - 66MHz, 10-Bit Bus, IEEE 1149.1 (JTAG) Compliant LVDS Serializer/Deserializer
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1160 Datasheet(HTML) 3 Page - ams AG

  AS1160 Datasheet HTML 1Page - ams AG AS1160 Datasheet HTML 2Page - ams AG AS1160 Datasheet HTML 3Page - ams AG AS1160 Datasheet HTML 4Page - ams AG AS1160 Datasheet HTML 5Page - ams AG AS1160 Datasheet HTML 6Page - ams AG AS1160 Datasheet HTML 7Page - ams AG AS1160 Datasheet HTML 8Page - ams AG AS1160 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
www.austriamicrosystems.com/Interfaces-LVDS/AS1160_61
Revision 1.01
3 - 29
AS1160/AS1161
Datasheet - P i n o u t
4 Pinout
Pin Assignments and Descriptions
Figure 2. AS1160 Pin Assignments (Top View)
Table 1. AS1160 Pin Descriptions
Pin Number
Pin Name
Description
See Figure 2
DIN0:DIN9
Data Input. LVTTL levels inputs. Data on these pins are loaded into a 10-bit input
register.
TCKR/FN
Transmit Clock Rising/Falling Strobe Select. LVTTL level input. Selects TCLK
active edge for strobing of DINx data.
1 = Rising edge.
0 = Falling edge.
DO+
+ Serial Data Output. Non-inverting Bus LVDS differential output.
DO-
- Serial Data Output. Inverting Bus LVDS differential output.
DEN
Serial Data Output Enable. LVTTL level input. If DEN is set to logic low the Bus LVDS
outputs are in tri-state condition.
PWDNN
Powerdown. LVTTL level input. Driving this pin low shuts down the PLL, tri-states the
outputs and puts the device into low power sleep mode.
TCLK
Transmit Clock. LVTTL level input. Input for 20MHz to 66MHz system clock.
SYNC1,
SYNC2
Synchronization. LVTTL level input. Assertion of SYNC (high) for at least 5 clock
cycles to be transmit a synchronization signal (SYNCPAT) on the Bus LVDS serial
output. Synchronization symbols continue to be sent if SYNCx continues to be
asserted. SYNC1 and SYNC2 pins are combined through an OR gate.
DVDD
+3.0V to +3.6V Digital Circuit Power Supply. This is the supply for all digital circuitry.
DGND
Digital Circuit Ground. GND reference point for the digital part of the AS1160.
AVDD
+3.0V to +3.6V Analog Power Supply (PLL and Analog Circuits). AVDD and DVDD
should be at the same potential and must not be more than 0.3V apart even on
transient basis. Both supplys should be decoupled by a capacitor of typically 10nF.
AGND
Analog Ground (PLL and Analog Circuits).
TDI
IEEE 1149.1 Test Data Input
TDO
IEEE 1149.1 Test Data Output
TMS
IEEE 1149.1 Test Mode Select Input
TCK
IEEE 1149.1 Test Clock Input
TRSTN
IEEE 1149.1 Test Reset Input
N/C
No Connection. Leave open-circuit, do not connect these pins.
A1
DGND
A2
N/C
A3
DIN0
A4
SYNC1
A5
AVDD
A6
AVDD
A7
N/C
B1
DIN1
B2
N/C
B3
SYNC2
B4
AVDD
B5
AGND
B6
AGND
B7
AVDD
C1
DIN3
C2
DGND
C3
DVDD
C4
DVDD
C5
N/C
C6
AGND
C7
PWDNN
D1
DIN5
D2
DIN2
D3
DIN4
D4
N/C
D5
DO-
D6
DEN
D7
DO+
E1
DIN7
E2
DIN6
E3
TMS
E4
TCLK
E5
DVDD
E6
DGND
E7
AGND
F1
TDI
F2
DIN8
F3
TCK
F4
DIN9
F5
DGND
F6
N/C
F7
AGND
G1
TDO
G2
TRSTN
G3
TCKR/FN
G4
DGND
G5
AVDD
G6
N/C
G7
N/C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com