Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1160 Datasheet(PDF) 7 Page - ams AG

Part # AS1160
Description  20MHz - 66MHz, 10-Bit Bus, IEEE 1149.1 (JTAG) Compliant LVDS Serializer/Deserializer
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1160 Datasheet(HTML) 7 Page - ams AG

Back Button AS1160 Datasheet HTML 3Page - ams AG AS1160 Datasheet HTML 4Page - ams AG AS1160 Datasheet HTML 5Page - ams AG AS1160 Datasheet HTML 6Page - ams AG AS1160 Datasheet HTML 7Page - ams AG AS1160 Datasheet HTML 8Page - ams AG AS1160 Datasheet HTML 9Page - ams AG AS1160 Datasheet HTML 10Page - ams AG AS1160 Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
www.austriamicrosystems.com/Interfaces-LVDS/AS1160_61
Revision 1.01
7 - 29
AS1160/AS1161
Datasheet - E l e c t r i c a l C h a r a c t e r i s t i c s
Deserializer Electrical Characteristics
AVDD = DVDD = 3V to 3.6V, TAMB = -40°C to +85°C, RLOAD=28
Ω, CLOAD = 15pF, Receiver Input Range: 0V to 2.4V,
typical values @ TAMB = +25°C and VDD = 3.3V (unless otherwise specified).
tDIS
DINx Setup to TCLK Time
Figure 21 on page 13
0ns
tDIH
DINx Hold from TCLK Time
4
ns
tHZD
DO+, DO- High-to-
Tri-State Delay
Figure 22 on page 14
2
1.5
5
ns
tLZD
DO+, DO- Low-to-
Tri-State Delay
1.5
5
ns
tZHD
DO+, DO- Tri-State-to-
High Delay
1.5
5
ns
tZLD
DO+, DO- Tri-State-to-
Low Delay
1.5
5
ns
tPWDL
PWDNN minimum low time
after VDD is in regulation
Figure 23 on page 14
50
µs
tSPW
SYNC Pulse Width
Figure 25 on page 15
5 x
tTCP
ns
tPLD
Serializer PLL Lock Time
Figure 24 on page 14
400 x
tTCP
ns
tSD
Serializer Delay
Figure 26 on page 15
tTCP/2
tTCP/2
+ 3
tTCP/2
+ 5
ns
tDJIT
Deterministic Jitter (p-p)
(Worst Case) ICC-Pattern
Figure 32 on page 18
f = 20MHz
150
300
ps
(pp)
f = 66MHz
50
100
ps
(pp)
tRJIT
Random Jitter
(Worst Case) ICC-Pattern
f = 20MHz
25
45
ps
(RMS)
f = 66MHz
8
15
1. Guaranteed by simulation and characterization.
2. Because the serializer is in tri-state mode, the deserializer will lose PLL lock and have to resynchronize before
data transfer.
Table 7. Electrical Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Deserializer Bus LVDS DC Specifications (pins RI+ and RI-)
VTH
Differential Threshold High
Voltage
VCM = +1.2V
+10
+75
mv
VTL
Differential Threshold Low
Voltage
-75
-20
IIN
Input Current
VIN = 2.4V, VDD = 3.6V or 0V
-1
+1
µA
VIN = 0V, VDD = 3.6V or 0V
-1
+1
Deserializer LVCMOS/LVTTL DC Specifications (input pins PWDNN, RCKR/FN, REN, REFCLK; output pins
ROUT0:ROUT9, RCLK, LOCKN)
VIH
High Level Input Voltage
2.0
VDD
V
VIL
Low Level Input Voltage
GND
0.8
V
IIN
Input Current
VIN = 0V or 3.6V
-1
+1
µA
Table 6. Serializer Switching Characteristics
1
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com