Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1160 Datasheet(PDF) 11 Page - ams AG

Part # AS1160
Description  20MHz - 66MHz, 10-Bit Bus, IEEE 1149.1 (JTAG) Compliant LVDS Serializer/Deserializer
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1160 Datasheet(HTML) 11 Page - ams AG

Back Button AS1160 Datasheet HTML 7Page - ams AG AS1160 Datasheet HTML 8Page - ams AG AS1160 Datasheet HTML 9Page - ams AG AS1160 Datasheet HTML 10Page - ams AG AS1160 Datasheet HTML 11Page - ams AG AS1160 Datasheet HTML 12Page - ams AG AS1160 Datasheet HTML 13Page - ams AG AS1160 Datasheet HTML 14Page - ams AG AS1160 Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
www.austriamicrosystems.com/Interfaces-LVDS/AS1160_61
Revision 1.01
11 - 29
AS1160/AS1161
Datasheet - Ty p i c a l O p e r a t i n g C h a r a c t e r i s t i c s A S 11 6 1
8 Typical Operating Characteristics AS1161
VDD = 3.6V, CLOAD = 15pF, TAMB = +25ºC (unless otherwise specified);
Figure 10. Supply Current vs Supply Voltage
Figure 11. Power-Down Current vs Supply Voltage
0
10
20
30
40
50
60
70
80
90
100
110
120
2.8
3
3.2
3.4
3.6
3.8
Supply Voltage (V)
fclk=20M Hz
fclk=66M Hz
500
550
600
650
700
750
800
850
900
950
1000
2.8
3
3.2
3.4
3.6
3.8
Supply Voltage (V)
Figure 12. Supply Current vs Clock Frequency
Figure 13. Supply Current vs Temperature
20
30
40
50
60
70
80
90
100
110
120
20
25
30
35
40
45
50
55
60
65
70
Clock Frequency (MHz)
IDD @ VDD=3,6V
IDD @ VDD=3V
20
30
40
50
60
70
80
90
100
110
120
-45 -30 -15
0
15
30
45
60
75
90
Temperature (°C)
fclk=20M Hz
fclk=66M Hz
Figure 14. Power-Down Current vs. Temperature
500
600
700
800
900
1000
-45 -30 -15
0
15
30
45
60
75
90
Temperature (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com