Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1160 Datasheet(PDF) 16 Page - ams AG

Part # AS1160
Description  20MHz - 66MHz, 10-Bit Bus, IEEE 1149.1 (JTAG) Compliant LVDS Serializer/Deserializer
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1160 Datasheet(HTML) 16 Page - ams AG

Back Button AS1160 Datasheet HTML 12Page - ams AG AS1160 Datasheet HTML 13Page - ams AG AS1160 Datasheet HTML 14Page - ams AG AS1160 Datasheet HTML 15Page - ams AG AS1160 Datasheet HTML 16Page - ams AG AS1160 Datasheet HTML 17Page - ams AG AS1160 Datasheet HTML 18Page - ams AG AS1160 Datasheet HTML 19Page - ams AG AS1160 Datasheet HTML 20Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
www.austriamicrosystems.com/Interfaces-LVDS/AS1160_61
Revision 1.01
16 - 29
AS1160/AS1161
Datasheet - Ti m i n g D i a g r a m s
Figure 27. Deserializer Delay
Figure 28. Deserializer Data Valid Out Times
Figure 29. Deserializer Tri-State Test Circuit and Timing Diagram
Start
Bit
Stop
Bit
Start
Bit
DIN0:9 Symbol n + 1
DIN0:9 Symbol n
DIN0:9 Symbol n + 1
tDD
1.3V
1.1V
RCLK
ROUT
ROUT0:9 Symbol n - 1
ROUT0:9 Symbol
ROUT0:9 Symbol n + 1
Start
Bit
Stop
Bit
Stop
Bit
R-
R+
1.5V
1.5V
tHIGH
tLOW
tHIGH
tLOW
tROH
tROS
Data valid
before RCLK
RCLK
RCKR/FN = Low
RCLK
RCKR/FN = High
ROUT0:9
Data valid
after RCLK
50Ω
500Ω
450Ω
+7V LZ, ZL
Open HZ, ZH
OScope
tZLR
tLZR
tZHR
tHZR
VOL
VOH
VOL
VOH
VOL + 0.5V
VOH - 0.5V
VOH - 0.5V
VOL + 0.5V
1.5V
1.5V
REN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com