Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1160 Datasheet(PDF) 9 Page - ams AG

Part # AS1160
Description  20MHz - 66MHz, 10-Bit Bus, IEEE 1149.1 (JTAG) Compliant LVDS Serializer/Deserializer
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1160 Datasheet(HTML) 9 Page - ams AG

Back Button AS1160 Datasheet HTML 5Page - ams AG AS1160 Datasheet HTML 6Page - ams AG AS1160 Datasheet HTML 7Page - ams AG AS1160 Datasheet HTML 8Page - ams AG AS1160 Datasheet HTML 9Page - ams AG AS1160 Datasheet HTML 10Page - ams AG AS1160 Datasheet HTML 11Page - ams AG AS1160 Datasheet HTML 12Page - ams AG AS1160 Datasheet HTML 13Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
www.austriamicrosystems.com/Interfaces-LVDS/AS1160_61
Revision 1.01
9 - 29
AS1160/AS1161
Datasheet - E l e c t r i c a l C h a r a c t e r i s t i c s
Scan Circuitry Timing Requirements
Note: All limits are guaranteed. The parameters with min and max values are guaranteed with production tests or
SQC (Statistical Quality Control) methods.
tRDC
RCLK Duty Cycle
45
50
55
ns
tHZR
High to Tri-State Delay
Figure 29 on page 16
ROUTx
36
ns
tLZR
Low to Tri-State Delay
ROUTx
36
ns
tZHR
Tri-State to High Delay
ROUTx
46
ns
tZLR
Tri-State to Low Delay
ROUTx
46
ns
tDSR1
2
Deserializer PLL Lock
Time from PWDNN
(with SYNCPAT)
Figure 30 on page 17,
Figure 31 on page 17
20MHz
5.2
7.5
µs
66MHz
1.8
3
µs
tDSR2
2
Deserializer PLL Lock
Time from SYNCPAT
20MHz
5.1
7.5
µs
66MHz
1.9
3
µs
tZHLK
Tri-State to High Delay
(Powerup)
LOCKN
4
12
ns
tRCLKL
1
RCLK low time before
LOCK achieved
RCLK
32xtRFCP
ns
tRNM
3
Deserializer Noise
Margin
Figure 33 on page 18
20MHz
0.8
1
ns
66MHz
200
300
ps
1. Guaranteed by simulation and characterization.
2. For the purpose of specifying deserializer PLL performance, tDSR1 and tDSR2 are specified with the REFCLK
running and stable, and with specific conditions for the incoming data stream synchronization patterns (SYNC-
PATs). The derserializer should be initialized using either tDSR1 or tDSR2.
tDSR1 is the time required for the deserializer to indicate lock upon power-up or when leaving the power-down
mode. SYNCPATs should be sent to the device before initiating either condition.
tDSR2 is the time required to indicate lock for the powered-up and enabled deserializer when the input (RI+ and
RI-) conditions change from not receiving data to receiving SYNCPATs.
3. tRNM is a measure of how much phase noise (jitter) the deserializer can tolerate in the incoming data stream
before bit errors occur. The deserializer noise margin is guaranteed by design using statistical analysis.
Table 10. Scan Circuitry Timing Requirements
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fTCK
TCK Clock Frequency
Figure 15 on page 12
25
MHz
tTCK
TCK Clock Period
40
ns
tS
TCK to TDI, TMS Setup Time
2.0
ns
tH
TCK to TDI, TMS Hold Time
3.0
ns
tWH, tWL
TCK Pulse Width, High or Low
10.0
ns
tWR
TRSTN Pulse Width, Low
2.5
ns
tREC
TRSTN-to-TCK Recovery Time
2.0
ns
tD
TCK to TDO Delay
10
ns
tZ
TCK to TDO High Z Delay
10
ns
Table 9. Deserializer Switching Characteristics
1
Symbol
Parameter
Conditions
Pin/
Frequency
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com