Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL5801 Datasheet (PDF) - Diodes Incorporated

AL5801 Datasheet PDF - Diodes Incorporated
Part # AL5801
Download  AL5801 Download
File Size   234.09 Kbytes
Page   11 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 100V, ADJUSTABLE CURRENT SINK LINEAR LED DRIVER

AL5801 Datasheet (PDF)

Go To PDF Page Download Datasheet
AL5801 Datasheet PDF - Diodes Incorporated

Part # AL5801
Download  AL5801 Click to download

File Size   234.09 Kbytes
Page   11 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 100V, ADJUSTABLE CURRENT SINK LINEAR LED DRIVER

AL5801 Datasheet (HTML) - Diodes Incorporated


AL5801 Product details

Description
The AL5801 combines a 100V N-channel MOSFET with a prebiased NPN transistor to make a simple, small footprint LED driver.

Features
• Feedback Pin Reference Voltage VRSET = 0.56V at +25°C
• -40°C to +125°C Temperature Range
• 1.1V to 100V Open-Drain Output
• Negative temperature VRSET co-efficient automatically reduces the LED current at high temperatures
• Low thermal impedance SOT26 package with copper lead frame
• Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability

Applications
• Linear LED Drivers
• LED Signs
• Offline LED Luminaries




Similar Part No. - AL5801

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AL5802 DIODES-AL5802 Datasheet
1Mb / 11P
30V, ADJUSTABLE CURRENT SINK LINEAR LED DRIVER
Rev 4
AL5802 DIODES-AL5802 Datasheet
1Mb / 11P
30V, ADJUSTABLE CURRENT SINK LINEAR LED DRIVER
Rev 9
AL5802-7 DIODES-AL5802-7 Datasheet
954Kb / 11P
30V, ADJUSTABLE CURRENT SINK LINEAR LED DRIVER
Rev 6
AL5802LP DIODES-AL5802LP Datasheet
1Mb / 10P
LED DRIVER, 30V, LINEAR, ADJUSTABLE, CURRENT SINK
Rev 4
AL5802LP4 DIODES-AL5802LP4 Datasheet
1Mb / 10P
30V, ADJUSTABLE CURRENT SINK LINEAR LED DRIVER
Rev 4
More results


Similar Description - AL5801

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DLD101 DIODES-DLD101 Datasheet
165Kb / 7P
LINEAR MODE CURRENT SINK LED DRIVER
DS32007 Rev. 6 - 2
AL5802 DIODES-AL5802 Datasheet
1Mb / 11P
30V, ADJUSTABLE CURRENT SINK LINEAR LED DRIVER
Rev 4
AL5811 DIODES-AL5811 Datasheet
366Kb / 13P
60V, LINEAR 75mA ADJUSTABLE CURRENT LED DRIVER
Rev 1
AL5802-7 DIODES-AL5802-7 Datasheet
954Kb / 11P
30V, ADJUSTABLE CURRENT SINK LINEAR LED DRIVER
Rev 6
AL5802LP DIODES-AL5802LP_7 Datasheet
1Mb / 10P
LED DRIVER, 30V, LINEAR, ADJUSTABLE, CURRENT SINK
Rev 3
AL5802LPL DIODES-AL5802LPL Datasheet
1Mb / 11P
LED DRIVER, 30V, LINEAR, ADJUSTABLE, CURRENT SINK
Rev 3
AL5802LP DIODES-AL5802LP Datasheet
1Mb / 10P
LED DRIVER, 30V, LINEAR, ADJUSTABLE, CURRENT SINK
Rev 4
AL5802LP4 DIODES-AL5802LP4 Datasheet
1Mb / 10P
30V, ADJUSTABLE CURRENT SINK LINEAR LED DRIVER
Rev 4
AL5802 DIODES-AL5802_14 Datasheet
1Mb / 11P
30V, ADJUSTABLE CURRENT SINK LINEAR LED DRIVER
Rev 9
AL5811 DIODES-AL5811_16 Datasheet
432Kb / 14P
60V, LINEAR 75mA ADJUSTABLE CURRENT LED DRIVER
Rev 3
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com