Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL5801 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # AL5801
Description  100V, ADJUSTABLE CURRENT SINK LINEAR LED DRIVER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL5801 Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button AL5801 Datasheet HTML 3Page - Diodes Incorporated AL5801 Datasheet HTML 4Page - Diodes Incorporated AL5801 Datasheet HTML 5Page - Diodes Incorporated AL5801 Datasheet HTML 6Page - Diodes Incorporated AL5801 Datasheet HTML 7Page - Diodes Incorporated AL5801 Datasheet HTML 8Page - Diodes Incorporated AL5801 Datasheet HTML 9Page - Diodes Incorporated AL5801 Datasheet HTML 10Page - Diodes Incorporated AL5801 Datasheet HTML 11Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
AL5801
Document number: DS35555 Rev. 3 - 2
7 of 11
www.diodes.com
July 2012
© Diodes Incorporated
AL5801
Application Information
Figure 13 Typical Application Circuit for
Linear Mode Current Sink LED Driver
The AL5801 is designed for driving high brightness LEDs with typical LED current up to 350mA. It provides a more cost effective way for driving
low current LEDs when compared against more complex switching regulator solutions. Furthermore, it reduces the PCB board area of the
solution because there is no need for external components like inductors, capacitors and/or switching diodes.
Figure 13 shows a typical application circuit diagram for driving an LED or a string of LEDs. The NPN transistor Q2 measures the LED current by
sensing the voltage across an external resistor REXT. Q2 uses its VBE as reference to set the voltage across REXT and controls the gate voltage of
MOSFET Q1. Q1 operates in linear mode to regulate the LED current. The LED current is:
ILED = VRSET / REXT
where VRSET is the VBE of Q2. VBE is 0.56V typical at a +25°C device temperature. See Figure 11 for the variation of VBE with Q2’s junction
temperature at IBIAS = 0.1mA. VBE has a negative temperature coefficient which reduces the LED current as the device warms up, protecting the
LED(s).
RBIAS should be chosen to drive 0.1mA current into the BIAS pin
RBIAS = ( VCC – 3.75V ) / 0.1mA
From the above equation, for any required LED current the necessary external resistor REXT can be calculated from
REXT = VRSET / ILED
The expected linear mode power dissipation must be factored into the design consideration. The power dissipation across the device can be
calculated by taking the maximum supply voltage less the minimum voltage across the LED string.
VDS(Q1) = VCC(max) – VLED(min) – VRSET
PD = VDS(Q1) * ILED
As the output LED current of AL5801 increases so will its power dissipation. The power dissipation will cause the device temperature to rise
above ambient, TA, by an amount determined by the package thermal resistance, RθJA.
Therefore, the power dissipation supported by the device is dependent upon the PCB board material, the copper area and the ambient
temperature. The maximum dissipation the device can handle is given by:
PD = ( TJ(MAX) - TA ) / RθJA
TJ(MAX) = +150°C is the maximum device junction temperature. Refer to the thermal characteristic graphs in Figure 2 to 4 for selecting the
appropriate PCB copper area. Figure 12 shows the current capabilities of the AL5801 at +25°C with different PCB copper area heat sinks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com