Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL5801 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # AL5801
Description  100V, ADJUSTABLE CURRENT SINK LINEAR LED DRIVER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL5801 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button AL5801 Datasheet HTML 3Page - Diodes Incorporated AL5801 Datasheet HTML 4Page - Diodes Incorporated AL5801 Datasheet HTML 5Page - Diodes Incorporated AL5801 Datasheet HTML 6Page - Diodes Incorporated AL5801 Datasheet HTML 7Page - Diodes Incorporated AL5801 Datasheet HTML 8Page - Diodes Incorporated AL5801 Datasheet HTML 9Page - Diodes Incorporated AL5801 Datasheet HTML 10Page - Diodes Incorporated AL5801 Datasheet HTML 11Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
AL5801
Document number: DS35555 Rev. 3 - 2
8 of 11
www.diodes.com
July 2012
© Diodes Incorporated
AL5801
Constant LED Current Temperture Compensation
Variation in the junction temperature of Q2 will cause variations in the value of controlled LED current ILED. The base-emitter VBE voltage of Q2
decreases with increasing temperature at a rate of approximately 2mV/°C. Figure 14 shows a simple temperature compensation network, which
comprises of an NTC thermistor and resistor Rbase, for stabilizing the LED current.
Figure 14 Constant LED Current Temperature Compensation for AL5801
The voltage drop VRSET in the sense resistor REXT should be set to be 40 to 100mV higher than the VBE(Q2) at 25ºC. Figure 11 shows the typical
VBE(Q2) is 0.56V at room temperature with 0.1mA IBIAS, so VRSET is selected to be 0.62V.
With the VRSET chosen, the sense resistor value for 350mA ILED is determined by
REXT = VRSET / ILED = 0.62V / 350mA = 1.77Ω
So a standard resistor value of 1.78
Ω with 1% tolerance is used.
The RTH resistance of the NTC thermistor at room temperature is recommended as 10kΩ. The value of base resistor Rbase is set to be 470Ω.
Q2’s base current is obtained as
IB(Q2) = ( VRSET - VBE(Q2) ) / Rbase - VBE(Q2) / RTH = ( 0.62V - 0.56 ) / 470Ω - 0.56V / 10kΩ = 72µA
When VBE(Q2) is changed to VBE
T as the temperature increases to TºC, the thermistor resistance at T°C required to compensate this variation is
given by
RTH
T = VBET / (( VRSET - VBET ) / Rbase - IB(Q2) )
At -2mV/°C, VBE(Q2) reduces to 0.44V from 0.56V as the temperature increases from +25°C to +85°C. From the above equation, the thermistor’s
resistance at +85°C to keep the same output current is given by
RTH
85 = 0.44V / (( 0.62V – 0.44V ) / 470Ω - 72µA ) = 1.4kΩ
The NTC thermistor is chosen for compensation whose resistance is 10k
Ω at +25°C and 1.38kΩ at +85°C with a β value of 3530.
Figure 15 shows the ILED variation with temperature with and without temperature compensation.
Figure 15 LED Current Variation with and
without Temperature Compensation



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com