Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL5801 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AL5801
Description  100V, ADJUSTABLE CURRENT SINK LINEAR LED DRIVER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL5801 Datasheet(HTML) 4 Page - Diodes Incorporated

  AL5801 Datasheet HTML 1Page - Diodes Incorporated AL5801 Datasheet HTML 2Page - Diodes Incorporated AL5801 Datasheet HTML 3Page - Diodes Incorporated AL5801 Datasheet HTML 4Page - Diodes Incorporated AL5801 Datasheet HTML 5Page - Diodes Incorporated AL5801 Datasheet HTML 6Page - Diodes Incorporated AL5801 Datasheet HTML 7Page - Diodes Incorporated AL5801 Datasheet HTML 8Page - Diodes Incorporated AL5801 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
AL5801
Document number: DS35555 Rev. 3 - 2
4 of 11
www.diodes.com
July 2012
© Diodes Incorporated
AL5801
Pre-Bias Transistor Electrical Characteristics: (Q2) (@TA = +25°C, unless otherwise specified.)
Characteristic (Note 10)
Symbol
Min
Typ
Max
Unit
Test Condition
Input Voltage
VI(off)
0.4
-
-
V
VCC = 5V, IO = 100μA
VI(on)
-
-
1.5
V
VCC = 0.3V, IO = 5mA
Output Voltage
VO(on)
-
0.05
0.3
V
IO/II = 5mA/0.25mA
Output Current
IO(off)
-
-
0.5
μA
VCC = 50V, VI = 0V
DC Current Gain
G1
80
-
-
-
VO = 5V, IO = 10mA
Input Resistance
R1
3.2
4.7
6.2
k
Ω
-
Resistance Ratio
R2/R1
8
10
12
-
-
Notes:
10. Short duration pulse test used to minimize self-heating effect.
Thermal Characteristics
0.2
0.4
0.6
0.8
1.2
0
25
50
75
100
125
150
TEMPERATURE (°C)
Figure 2 Derating Curve
1.0
0
50mm x 50mm
(2oz. FR4)
25mm x 25mm
(2oz. FR4)
15mm x 15mm
(2oz. FR4)
0.2
0.4
0.6
0.8
1.2
0
500
1,000
1,500
2,000
2,500
COPPER AREA (mm )
Figure 3 Area vs. Max Power
2
T = 25°C
2oz. FR4
A
1.0
0
100
120
140
160
180
0.0001
0.001
0.01
0.1
1
10
100
1,000
PULSE WIDTH (s)
Figure 4 Transient Thermal Impedance
T = 25°C
25mm x 25mm
1oz. FR4
A
80
60
40
20
0
D = 0.05
D = 0.1
Single Pulse
D = 0.2
D = 0.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com