Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL5801 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AL5801
Description  100V, ADJUSTABLE CURRENT SINK LINEAR LED DRIVER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL5801 Datasheet(HTML) 5 Page - Diodes Incorporated

  AL5801 Datasheet HTML 1Page - Diodes Incorporated AL5801 Datasheet HTML 2Page - Diodes Incorporated AL5801 Datasheet HTML 3Page - Diodes Incorporated AL5801 Datasheet HTML 4Page - Diodes Incorporated AL5801 Datasheet HTML 5Page - Diodes Incorporated AL5801 Datasheet HTML 6Page - Diodes Incorporated AL5801 Datasheet HTML 7Page - Diodes Incorporated AL5801 Datasheet HTML 8Page - Diodes Incorporated AL5801 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
AL5801
Document number: DS35555 Rev. 3 - 2
5 of 11
www.diodes.com
July 2012
© Diodes Incorporated
AL5801
Typical Performance Characteristics
0.05
0.15
0.25
0.35
01
23
V
(V)
OUT
Figure 5 Output Current vs. V
OUT
0
0.10
0.20
0.30
0.40
I
= 0.1mA
bias
R
= 1.6
EXT
Ω
R
= 3.75
EXT
Ω
R
= 11.6
EXT
Ω
R
= 22.7
EXT
Ω
100
150
200
250
300
350
400
110
100
R
( )
EXT Ω
Figure 6 Output Current vs. R
EXT
50
0
I
= 0.1mA
bias
0.1
0.2
0.3
0.4
0.5
01
2
3
V
(V)
OUT
Figure 7 Output Current vs. V
OUT
0
I
= 0.1mA
R
= 1.6
bias
EXT
Ω
T = -40 C
A
°
T = 25 C
A
°
T = 85 C
A
°
0.05
0.15
02
4
6
8
10
V
(V)
OUT
Figure 8 Output Current vs. V
OUT
0
0.10
0.20
I
= 0.1mA
R
= 3.75
bias
EXT
Ω
T = -40 C
A
°
T = 25 C
A
°
T = 85 C
A
°
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0
5
10
15
V
(V)
OUT
Figure 9 Output Current vs. V
OUT
0
I
= 0.1mA
R
= 11.6
bias
EXT
Ω
T = -40 C
A
°
T = 25 C
A
°
T = 85 C
A
°
0.005
0.015
0.025
0.035
0
5
10
15
20
V
(V)
OUT
Figure 10 Output Current vs. V
OUT
0
0.010
0.020
0.030
I
= 0.1mA
R
= 22.7
bias
EXT
Ω
T = -40 C
A
°
T = 25 C
A
°
T = 85 C
A
°



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com