Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL5801 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AL5801
Description  100V, ADJUSTABLE CURRENT SINK LINEAR LED DRIVER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL5801 Datasheet(HTML) 3 Page - Diodes Incorporated

  AL5801 Datasheet HTML 1Page - Diodes Incorporated AL5801 Datasheet HTML 2Page - Diodes Incorporated AL5801 Datasheet HTML 3Page - Diodes Incorporated AL5801 Datasheet HTML 4Page - Diodes Incorporated AL5801 Datasheet HTML 5Page - Diodes Incorporated AL5801 Datasheet HTML 6Page - Diodes Incorporated AL5801 Datasheet HTML 7Page - Diodes Incorporated AL5801 Datasheet HTML 8Page - Diodes Incorporated AL5801 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
AL5801
Document number: DS35555 Rev. 3 - 2
3 of 11
www.diodes.com
July 2012
© Diodes Incorporated
AL5801
Package Thermal Data
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 5) @ TA = +25°C
PD
0.75
W
Power Dissipation (Note 6) @ TA = +25°C
0.70
Power Dissipation (Note 7) @ TA = +25°C
0.85
Power Dissipation (Note 8) @ TA = +25°C
1.05
Thermal Resistance, Junction to Ambient Air (Note 5) @ TA = +25°C
RθJA
165
°C/W
Thermal Resistance, Junction to Ambient Air (Note 6) @ TA = +25°C
180
Thermal Resistance, Junction to Ambient Air (Note 7) @ TA = +25°C
145
Thermal Resistance, Junction to Ambient Air (Note 8) @ TA = +25°C
120
Notes:
5. Device mounted on 15mm x 15mm 2oz copper board.
6. Device mounted on 25mm x 25mm 1oz copper board.
7. Device mounted on 25mm x 25mm 2oz copper board.
8. Device mounted on 50mm x 50mm 2oz copper board.
Recommended Operating Conditions (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Min
Max
Unit
VBIAS
Supply voltage range
3.5
20
V
VOUT
OUT voltage range
1.1
100
ILED
LED pin current (Note 9)
25
350
mA
TA
Operating ambient temperature range
-40
125
°C
Note:
9. Subject to ambient temperature, power dissipation and PCB.
NMOSFET Electrical Characteristics: (Q1) (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
100
⎯
⎯
V
VGS = 0V, ID = 250µA
Zero Gate Voltage Drain Current
IDSS
⎯
⎯
1
µA
VDS = 60V, VGS = 0V
Gate-Source Leakage
IGSS
⎯
⎯
±100
nA
VGS = ±20V, VDS = 0V
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(th)
2.0
⎯
4.1
V
VDS = VGS, ID = 250µA
Static Drain-Source On-Resistance
RDS (ON)
⎯
⎯
⎯
0.85
0.99
Ω
VGS = 10V, ID = 1.5A
VGS = 6V, ID = 1A
Forward Transconductance
gfs
⎯
0.9
⎯
S
VDS = 15V, ID = 1A
Diode Forward Voltage
VSD
⎯
0.89
1.1
V
VGS = 0V, IS = 1.5A
DYNAMIC CHARACTERISTICS
Input Capacitance
Ciss
⎯
129
⎯
pF
VDS = 50V, VGS = 0V
f = 1.0MHz
Output Capacitance
Coss
⎯
14
⎯
pF
Reverse Transfer Capacitance
Crss
⎯
8
⎯
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com