Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL5801 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AL5801
Description  100V, ADJUSTABLE CURRENT SINK LINEAR LED DRIVER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL5801 Datasheet(HTML) 2 Page - Diodes Incorporated

  AL5801 Datasheet HTML 1Page - Diodes Incorporated AL5801 Datasheet HTML 2Page - Diodes Incorporated AL5801 Datasheet HTML 3Page - Diodes Incorporated AL5801 Datasheet HTML 4Page - Diodes Incorporated AL5801 Datasheet HTML 5Page - Diodes Incorporated AL5801 Datasheet HTML 6Page - Diodes Incorporated AL5801 Datasheet HTML 7Page - Diodes Incorporated AL5801 Datasheet HTML 8Page - Diodes Incorporated AL5801 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
AL5801
Document number: DS35555 Rev. 3 - 2
2 of 11
www.diodes.com
July 2012
© Diodes Incorporated
AL5801
Pin Descriptions
Pin
Number
Pin
Name
Function
1
BIAS
Biases the open-Drain output MOSFET
2
FB
Feedback pin
3
OUT
Open-Drain LED driver output
4
REXT
Current sense pin. LED current sensing resistor should be connected from here to GND
5
COMP
Compensation pin. Connect COMP pin to REXT pin and insert a 1nF ceramic capacitor from COMP
pin to FB pin for improved transient stability
6
GND
Ground reference point for setting the LED current
Functional Block Diagram
Figure 1 Block Diagram
Absolute Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Symbol
Characteristics
Values
Unit
VOUT
Output voltage relative to GND
100
V
VBIAS
BIAS voltage relative to GND (Note 4)
20
V
VFB
FB voltage relative to GND
6
V
VCOMP
COMP voltage relative to GND
6
V
VREXT
REXT voltage relative to GND
6
V
IOUT
Output current
350
mA
TJ
Operating junction temperature
-40 to +150
°C
TST
Storage temperature
-55 to +150
°C
Note:
4. With pins 5 and 6 connected together.
These are stress ratings only. Operation outside the absolute maximum ratings may cause device failure.
Operation at the absolute maximum rating for extended periods may reduce device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com