Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX15021 Datasheet (PDF) - Maxim Integrated Products

MAX15021 Datasheet PDF - Maxim Integrated Products
Part # MAX15021
Download  MAX15021 Download
File Size   338.08 Kbytes
Page   24 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Dual, 4A/2A, 4MHz, Step-Down DC-DC Regulator with Tracking/Sequencing Capability

MAX15021 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX15021 Datasheet PDF - Maxim Integrated Products

Part # MAX15021
Download  MAX15021 Click to download

File Size   338.08 Kbytes
Page   24 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Dual, 4A/2A, 4MHz, Step-Down DC-DC Regulator with Tracking/Sequencing Capability

MAX15021 Datasheet (HTML) - Maxim Integrated Products


MAX15021 Product details

General Description
The MAX15021 is a dual-output, pulse-width-modulated (PWM), step-down DC-DC regulator with tracking (coincident and ratiometric) and sequencing options. The device operates from 2.5V to 5.5V and each output can be adjusted from 0.6V to the input supply (VAVIN). The MAX15021 delivers up to 4A (regulator 1) and 2A (regulator 2) of output current. This device offers the ability to adjust the switching frequency from 500kHz to 4MHz and provides the capability of optimizing the design in terms of size and performance.

Benefits and Features
• Integration Reduces Power-Supply Footprint for SpaceConstrained Designs
    • Dual-Output Synchronous Buck Regulators
    • Integrated Switches for 4A and 2A Output Currents
    • Programmable Switching Frequency from 500kHz to 4MHz
    • 28-Pin TQFN Package (5mm x 5mm)
    • 180° Out-Of-Phase Operation Reduces Input Ripple Current and Thus the Size of the Input Bypass Capacitors
• Sophisticated Tracking/Sequencing Functions Facilitate Reliable Processor Operation
    • Digital Soft-Start and Soft-Stop for Tracking Applications
    • Digital Soft-Start into a Prebiased Load for Sequencing Applications
    • Sequencing or Coincident/Ratiometric Tracking
• Flexible Enough for Use in a Range of Designs
    • 2.5V to 5.5V Input Voltage Range
    • Output-Voltage Adjustable from 0.6V to VAVIN
    • External Compensation for Maximum Flexibility
    • 100% Maximum Duty Cycle
• Integrated Protection Features Save Space and Increase Reliability
    • Lossless, Cycle-by-Cycle Current Sensing
    • Thermal Shutdown and Hiccup-Mode Short-Circuit Protection
• 20µA Shutdown Current Extends Battery Life in Portable Applications

Applications
    RFID Reader Cards
    Power-over-Ethernet (PoE) IP Phones
    Automotive Multimedia
    Multivoltage Supplies
    Networking/Telecom




Similar Part No. - MAX15021

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15021 MAXIM-MAX15021 Datasheet
354Kb / 24P
Dual, 4A/2A, 4MHz, Step-Down DC-DC Regulator withTracking/ Sequencing Capability
2015
MAX15021ATI MAXIM-MAX15021ATI Datasheet
338Kb / 24P
Dual, 4A/2A, 4MHz, Step-Down DC-DC Regulator
Rev 1; 8/12
MAX15021ATI/V MAXIM-MAX15021ATI/V Datasheet
338Kb / 24P
Dual, 4A/2A, 4MHz, Step-Down DC-DC Regulator
Rev 1; 8/12
MAX15021ATI/V+ MAXIM-MAX15021ATI/V+ Datasheet
354Kb / 24P
Dual, 4A/2A, 4MHz, Step-Down DC-DC Regulator withTracking/ Sequencing Capability
2015
MAX15021 MAXIM-MAX15021_V01 Datasheet
354Kb / 24P
Dual, 4A/2A, 4MHz, Step-Down DC-DC Regulator withTracking/ Sequencing Capability
2015
More results


Similar Description - MAX15021

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3416 LINER-LTC3416 Datasheet
238Kb / 16P
4A, 4MHz, Monolithic Synchronous Step-Down Regulator with Tracking
LTC3417 LINER-LTC3417 Datasheet
350Kb / 20P
Dual Synchronous 1.4A/800mA 4MHz Step-Down DC/DC Regulator
logo
Maxim Integrated Produc...
MAX15022 MAXIM-MAX15022 Datasheet
336Kb / 27P
Dual, 4A/2A, 4MHz, Step-Down DC-DC Regulator with Dual LDO Controllers
Rev 0; 5/08
logo
Linear Technology
LTC3614 LINER-LTC3614 Datasheet
451Kb / 28P
4A, 4MHz Monolithic Synchronous Step-Down DC/DC Converter
logo
Maxim Integrated Produc...
MAX15022 MAXIM-MAX15022_11 Datasheet
317Kb / 28P
Dual, 4A/2A, 4MHz, Step-Down DC-DC Regulator with Dual LDO Controllers
ev 1; 7/11
MAX15021ATI MAXIM-MAX15021ATI Datasheet
338Kb / 24P
Dual, 4A/2A, 4MHz, Step-Down DC-DC Regulator
Rev 1; 8/12
logo
Linear Technology
LTC3416 LINER-LTC3416_15 Datasheet
219Kb / 16P
4A, 4MHz, Monolithic Synchronous Step-Down Regulator with Tracking
LTC3614 LINER-LTC3614_15 Datasheet
794Kb / 30P
4A, 4MHz Monolithic Synchronous Step-Down DC/DC Converter
LTM4622A LINER-LTM4622A Datasheet
863Kb / 30P
Dual Ultrathin 2A or Single 4A Step-Down DC/DC 關Module Regulator
logo
Maxim Integrated Produc...
MAX15021 MAXIM-MAX15021_V01 Datasheet
354Kb / 24P
Dual, 4A/2A, 4MHz, Step-Down DC-DC Regulator withTracking/ Sequencing Capability
2015
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com