Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX15021 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX15021
Description  Dual, 4A/2A, 4MHz, Step-Down DC-DC Regulator with Tracking/Sequencing Capability
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15021 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX15021 Datasheet HTML 1Page - Maxim Integrated Products MAX15021 Datasheet HTML 2Page - Maxim Integrated Products MAX15021 Datasheet HTML 3Page - Maxim Integrated Products MAX15021 Datasheet HTML 4Page - Maxim Integrated Products MAX15021 Datasheet HTML 5Page - Maxim Integrated Products MAX15021 Datasheet HTML 6Page - Maxim Integrated Products MAX15021 Datasheet HTML 7Page - Maxim Integrated Products MAX15021 Datasheet HTML 8Page - Maxim Integrated Products MAX15021 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
General Description
The MAX15021 is a dual-output, pulse-width-modulated
(PWM), step-down DC-DC regulator with tracking (coin-
cident and ratiometric) and sequencing options. The
device operates from 2.5V to 5.5V and each output can
be adjusted from 0.6V to the input supply (VAVIN). The
MAX15021 delivers up to 4A (regulator 1) and 2A (reg-
ulator 2) of output current. This device offers the ability
to adjust the switching frequency from 500kHz to 4MHz
and provides the capability of optimizing the design in
terms of size and performance.
The MAX15021 utilizes a voltage-mode control scheme
with external compensation to provide good noise
immunity and maximum flexibility in selecting inductor
values and capacitor types. The dual switching regula-
tors operate 180° out-of-phase, thereby reducing the
RMS input ripple current and thus the size of the input
bypass capacitor significantly.
The MAX15021 offers the ability to track (coincident or
ratiometric) or sequence during power-up and power-
down operation. When sequencing, it powers up glitch-
free into a prebiased output.
Additional features include an internal undervoltage
lockout with hysteresis and a digital soft-start/soft-stop
for glitch-free power-up and power-down. Protection
features include lossless cycle-by-cycle current limit,
hiccup-mode output short-circuit protection, and ther-
mal shutdown.
The MAX15021 is available in a space-saving, 5mm x
5mm, 28-pin TQFN-EP package and is specified for
operation from -40°C to +125°C temperature range.
Applications
RFID Reader Cards
Power-over-Ethernet (PoE) IP Phones
Automotive Multimedia
Multivoltage Supplies
Networking/Telecom
Features
♦ 2.5V to 5.5V Input-Voltage Range
♦ Dual-Output Synchronous Buck Regulators
♦ Integrated Switches for 4A and 2A Output
Currents
♦ 180° Out-Of-Phase Operation
♦ Output Voltage Adjustable from 0.6V to VAVIN
♦ Lossless, Cycle-by-Cycle Current Sensing
♦ External Compensation for Maximum Flexibility
♦ Digital Soft-Start and Soft-Stop for Tracking
Applications
♦ Digital Soft-Start into a Prebiased Load for
Sequencing Applications
♦ Sequencing or Coincident/Ratiometric Tracking
♦ Programmable Switching Frequency from 500kHz
to 4MHz
♦ Thermal Shutdown and Hiccup-Mode Short-
Circuit Protection
♦ 20µA Shutdown Current
♦ 100% Maximum Duty Cycle
♦ Space-Saving (5mm x 5mm) 28-Pin TQFN
Package
MAX15021
Dual, 4A/2A, 4MHz, Step-Down DC-DC
Regulator with Tracking/Sequencing Capability
For pricing, delivery, and ordering information, please contact Maxim Direct
at 1-888-629-4642, or visit Maxim’s website at www.maximintegrated.com.
MAX15021
TOP VIEW
26
27
25
24
10
9
11
12
1
+
2
EN2
4
*EP
*EP = EXPOSED PAD.
56
7
20
21
19
17
16
15
SGND
AVIN
COMP1
FB1
EN1
DVDD1
3
18
28
8
RT
PGND1
FB2
23
13
N.C.
COMP2
22
14
N.C.
N.C.
Pin Configuration
Ordering Information
19-4106; Rev 1; 8/12
PART
TEMP RANGE
PIN-PACKAGE
MAX15021ATI/V+
-40°C to +125°C
28 TQFN-EP*
+
Denotes a lead-free package.
*
EP = Exposed pad.
/V denotes an automotive qualified part.


Similar Part No. - MAX15021

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15021 MAXIM-MAX15021 Datasheet
354Kb / 24P
Dual, 4A/2A, 4MHz, Step-Down DC-DC Regulator withTracking/ Sequencing Capability
2015
MAX15021ATI MAXIM-MAX15021ATI Datasheet
338Kb / 24P
Dual, 4A/2A, 4MHz, Step-Down DC-DC Regulator
Rev 1; 8/12
MAX15021ATI/V MAXIM-MAX15021ATI/V Datasheet
338Kb / 24P
Dual, 4A/2A, 4MHz, Step-Down DC-DC Regulator
Rev 1; 8/12
MAX15021ATI/V+ MAXIM-MAX15021ATI/V+ Datasheet
354Kb / 24P
Dual, 4A/2A, 4MHz, Step-Down DC-DC Regulator withTracking/ Sequencing Capability
2015
MAX15021 MAXIM-MAX15021_V01 Datasheet
354Kb / 24P
Dual, 4A/2A, 4MHz, Step-Down DC-DC Regulator withTracking/ Sequencing Capability
2015
More results

Similar Description - MAX15021

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3416 LINER-LTC3416 Datasheet
238Kb / 16P
4A, 4MHz, Monolithic Synchronous Step-Down Regulator with Tracking
LTC3417 LINER-LTC3417 Datasheet
350Kb / 20P
Dual Synchronous 1.4A/800mA 4MHz Step-Down DC/DC Regulator
logo
Maxim Integrated Produc...
MAX15022 MAXIM-MAX15022 Datasheet
336Kb / 27P
Dual, 4A/2A, 4MHz, Step-Down DC-DC Regulator with Dual LDO Controllers
Rev 0; 5/08
logo
Linear Technology
LTC3614 LINER-LTC3614 Datasheet
451Kb / 28P
4A, 4MHz Monolithic Synchronous Step-Down DC/DC Converter
logo
Maxim Integrated Produc...
MAX15022 MAXIM-MAX15022_11 Datasheet
317Kb / 28P
Dual, 4A/2A, 4MHz, Step-Down DC-DC Regulator with Dual LDO Controllers
ev 1; 7/11
MAX15021ATI MAXIM-MAX15021ATI Datasheet
338Kb / 24P
Dual, 4A/2A, 4MHz, Step-Down DC-DC Regulator
Rev 1; 8/12
logo
Linear Technology
LTC3416 LINER-LTC3416_15 Datasheet
219Kb / 16P
4A, 4MHz, Monolithic Synchronous Step-Down Regulator with Tracking
LTC3614 LINER-LTC3614_15 Datasheet
794Kb / 30P
4A, 4MHz Monolithic Synchronous Step-Down DC/DC Converter
LTM4622A LINER-LTM4622A Datasheet
863Kb / 30P
Dual Ultrathin 2A or Single 4A Step-Down DC/DC 關Module Regulator
logo
Maxim Integrated Produc...
MAX15021 MAXIM-MAX15021_V01 Datasheet
354Kb / 24P
Dual, 4A/2A, 4MHz, Step-Down DC-DC Regulator withTracking/ Sequencing Capability
2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com